Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0934 Datasheet(PDF) 110 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 105Page - STMicroelectronics UM0934 Datasheet HTML 106Page - STMicroelectronics UM0934 Datasheet HTML 107Page - STMicroelectronics UM0934 Datasheet HTML 108Page - STMicroelectronics UM0934 Datasheet HTML 109Page - STMicroelectronics UM0934 Datasheet HTML 110Page - STMicroelectronics UM0934 Datasheet HTML 111Page - STMicroelectronics UM0934 Datasheet HTML 112Page - STMicroelectronics UM0934 Datasheet HTML 113Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 110 / 113 page
background image
MAC mode communication example
UM0934
110/113
Doc ID 17389 Rev 2
10.4.2
Station1 (Client)
CMD_DataIndication
As soon as the whole MAC frame is received (assuming that no corruption occurred),
station1 notifies the reception of the M_sdu through a CMD_DataIndication() as follows:
Below is the meaning of the sub-fields encapsulated in the data field:
●
Credit = 00h
⇒ IC=000b, CC=000b, DC=00b
●
Address = 00.1C.00h
⇒ SA: 001h, DA: C00h
●
M_sdu = 00h 01h ... 18h 19h.
STX Length
Command
Code
DATA
CHK
02h 22h
50h
D3. 01h
Pad
00h
Addres s
00.1C.0 0h
Credit
00h
00.01 .02.03.04.05.06.07.08.09.0A.0B.0C.0D.0E.0F.10.11.12.13.14.15.16.17.18.19h
M_SDU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com