Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0934 Datasheet(PDF) 108 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 104Page - STMicroelectronics UM0934 Datasheet HTML 105Page - STMicroelectronics UM0934 Datasheet HTML 106Page - STMicroelectronics UM0934 Datasheet HTML 107Page - STMicroelectronics UM0934 Datasheet HTML 108Page - STMicroelectronics UM0934 Datasheet HTML 109Page - STMicroelectronics UM0934 Datasheet HTML 110Page - STMicroelectronics UM0934 Datasheet HTML 111Page - STMicroelectronics UM0934 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 113 page
background image
MAC mode communication example
UM0934
108/113
Doc ID 17389 Rev 2
CMD_DataIndication
As soon as the whole MAC frame is received (assuming that no corruption occurred),
station2 notifies the reception of the M_sdu through a CMD_DataIndication() as follows:
Below is the meaning of the sub-fields encapsulated in the data field:
●
Credit = 00h
⇒ IC=000b, CC=000b, DC=00b
●
Address = C0.00.01h
⇒ SA: C00h, DA: 001h
●
M_sdu = 00h 01h ... 18h 19h.
10.4
Step 4: Transmitting a MAC frame from Server to Client
Thanks to the valid MAC frame received from station1, station2 is now synchronized and
able to send frames.
The external host of station2 can initiate the transmission by sending a CMD_DataRequest
to the ST7570 with the following sample parameters:
●
M_sdu = 00h 01h 02h ... 18h 19h
●
IC=0, CC=0, DC=0
●
DA=C00h.
Figure 33
shows the exchanged local frames during a transmission from Server to Client:
Figure 33.
MAC frame transmission from Server to Client
STX Length
Command
Code
DATA
CHK
02h 22h
50h
78.02h
Pad
00h
Addres s
C0.00.0 1h
Credit
00h
00.01 .02.03.04.05.06.07.08.09.0A.0B.0C.0D.0E.0F.10.11.12.13.14.15.16.17.18.19h
M_SDU
Powerline
network
P_SDU
PHY frame transmission
PRE
SSD
CMD_Data
Indication
TXD
Local Frame
T_REQ
ACK
RXD
T_REQ
TXD
RXD
CMD_Data
Request
ACK
Status
Local Frame
CMD_Data
Confirm
ACK
Local Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com