Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0934 Datasheet(PDF) 103 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 99Page - STMicroelectronics UM0934 Datasheet HTML 100Page - STMicroelectronics UM0934 Datasheet HTML 101Page - STMicroelectronics UM0934 Datasheet HTML 102Page - STMicroelectronics UM0934 Datasheet HTML 103Page - STMicroelectronics UM0934 Datasheet HTML 104Page - STMicroelectronics UM0934 Datasheet HTML 105Page - STMicroelectronics UM0934 Datasheet HTML 106Page - STMicroelectronics UM0934 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 113 page
background image
UM0934
MAC mode communication example
Doc ID 17389 Rev 2
103/113
10
MAC mode communication example
This section provides an example which describes how to properly configure two ST7570
modems in MAC mode as Client and Server, respectively, and perform a communication
with a suitable address and credits through the following steps, to be followed after the
initialization and basic configuration steps described in Section 8:
1.
Address configuration (optional)
2.
Server time-outs configuration (optional)
3.
Transmitting a MAC frame from Client to Server
4.
Transmitting a MAC frame from Server to Client.
It is assumed that both station1 and station2 have identical MIB object 00A1h (PLC
configuration) with the exception of operating mode parameter:
●
Access layer mode: MAC mode
●
Operating mode: Client for station1, Server for station2
●
Baud rate: 2400 bps
●
Mains frequency: 50 Hz
●
f0=74 kHz, f1=63.3 kHz
●
Target output gain = -15 dB
●
Tx current control: enabled.
10.1
Step 1: address configuration
Addresses can be configured by accessing MIB object 0001h (local MAC address and the
initiator MAC address) through command CMD_WriteDBRequest().
The time diagram of the commands exchanged between the ST7570 and its external host is
the same as Figure 28, as a CMD_WriteDBRequest() is still involved.
10.1.1
Station1 (Client)
For a Client station (also called initiator), the local MAC address is usually within the FIMA
range (C00h as default value) and LIMA (DFFh as default value), while the initiator MAC
address has no meaning.
In this example:
●
local MAC address = C00h
●
initiator MAC address = 000h (NO-BODY).
For station1 the CMD_WriteDBRequest is composed as:
STX Length
Command
Co de
DATA
CHK
h
0
0
.
7
5
h
1
4
h
9
0
h
2
0
MIB Index
Init MAC Add
h
0
0
.
0
0
0h
0
.
1
0
Local MAC Add
00.0Ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com