Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT322 Datasheet(PDF) 3 Page - International Rectifier

Part # PVT322
Description  Microelectronic Power IC Relay Dual Pole, Normally Open 0-250V, 170mA AC/DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT322 Datasheet(HTML) 3 Page - International Rectifier

  PVT322 Datasheet HTML 1Page - International Rectifier PVT322 Datasheet HTML 2Page - International Rectifier PVT322 Datasheet HTML 3Page - International Rectifier PVT322 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 3. Typical Normalized On-Resistance
Figure 5. Input Characteristics (Current Controlled)
Figure 6. Typical Delay Times
0.5
1.0
1.5
2.0
2.5
-0.5
-1.0
-1.5
-2.0
-2 .5
-50
-100
-150
-200
50
100
150
200
250
-250
3.0
-3.0
Figure 2. Linearity Characteristics
20
40
60
80
100
0
0
100
200
150
50
Figure 1. Typical Current Derating Curve
Figure 4. Typical Normalized Off-State Leakage
2 mA
ILED= 5 mA
Delay Time (milliseconds)
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com