Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT322 Datasheet(PDF) 1 Page - International Rectifier

Part # PVT322
Description  Microelectronic Power IC Relay Dual Pole, Normally Open 0-250V, 170mA AC/DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT322 Datasheet(HTML) 1 Page - International Rectifier

  PVT322 Datasheet HTML 1Page - International Rectifier PVT322 Datasheet HTML 2Page - International Rectifier PVT322 Datasheet HTML 3Page - International Rectifier PVT322 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Part Identification
PVT322
thru-hole
PVT322S
SMT
PVT322S-T
SMT, T&R
Data Sheet No. 1.042
Series PVT322
Microelectronic
Power IC Relay
Dual Pole, Normally Open
HEXFET® POWER MOSFET PHOTOVOLTAIC RELAY
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
Applications
On/Off Hook switch
n
Tip and Ring Line switching
n
General switching
n
PVT322 Features
HEXFET Power MOSFET output
n
Bounce-free operation
n
4,000 VRMS I/O isolation n
Linear AC/DC operation
n
Solid-State reliability
n
UL recognition pending
n
General Description
The PVT322 Series Photovoltaic Relay is a dual-
pole, normally open solid-state relay that can
replace electromechanical relays in many applica-
tions. It utilizes International Rectifier’s HEXFET
power MOSFET as the output switch, driven by an
integrated circuit photovoltaic generator of novel
construction. The output switch is controlled by
radiation from a GaAlAs light emitting diode (LED)
which is optically isolated from the photovoltaic
generator.
Series PVT322 Relays are packaged in an 8-pin,
molded DIP package with either through-hole or
surface mount (gull-wing) terminals. It is available
in standard plastic shipping tubes or on tape-and-
reel. Please refer to Part Identification information
opposite.
0-250V, 170mA AC/DC
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - PVT322

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT322A IRF-PVT322A Datasheet
302Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-250V, 170mA AC/DC
PVT322APBF IRF-PVT322APBF Datasheet
1Mb / 5P
HEXFET Power MOSFET output
PVT322APBF IRF-PVT322APBF Datasheet
437Kb / 6P
Bounce-free operation
PVT322APBF IRF-PVT322APBF_15 Datasheet
437Kb / 6P
Bounce-free operation
PVT322AS IRF-PVT322AS Datasheet
1Mb / 5P
HEXFET Power MOSFET output
More results

Similar Description - PVT322

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT312 IRF-PVT312 Datasheet
249Kb / 4P
Microelectronic Power IC Relay Single Pole, Normally Open, 0-250V, 190mA AC/DC
PVT322A IRF-PVT322A Datasheet
302Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-250V, 170mA AC/DC
PVT412 IRF-PVT412 Datasheet
174Kb / 5P
Microelectronic Power IC Relay Single Pole, Normally Open, 0-400V, 140mA AC/DC
PVT422 IRF-PVT422 Datasheet
304Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PVT422P IRF-PVT422P Datasheet
331Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PVU414 IRF-PVU414 Datasheet
205Kb / 4P
Microelectronic Power IC Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PVT442 IRF-PVT442 Datasheet
87Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Relay Single Pole, Normally Closed 0-400V, 170mA AC/DC
PVR13N IRF-PVR13N Datasheet
70Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
PVR13N IRF-PVR13N_1 Datasheet
93Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
PVT322PBF IRF-PVT322PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Dual Pole, Normally Open 0-250V, 170mA AC/DC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com