Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT412 Datasheet(PDF) 2 Page - International Rectifier

Part # PVT412
Description  Microelectronic Power IC Relay Single Pole, Normally Open, 0-400V, 140mA AC/DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT412 Datasheet(HTML) 2 Page - International Rectifier

  PVT412 Datasheet HTML 1Page - International Rectifier PVT412 Datasheet HTML 2Page - International Rectifier PVT412 Datasheet HTML 3Page - International Rectifier PVT412 Datasheet HTML 4Page - International Rectifier PVT412 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series PVT412
2
www.irf.com
OUTPUT CHARACTERISTICS
PVT412L
PVT412
Operating Voltage Range
0 to ±400
V(DC or AC peak)
Maximum Load Current
@ TA=+40°C
5mA Control (see figures1 and 2)
A Connection
120
140
mA (AC or DC)
B Connection
130
150
mA (DC)
C Connection
200
210
mA (DC)
Maximum On-State Resistance
@TA=+25°C
For 50mA Pulsed Load, 5mA Control (see figure 4)
A Connection
35
27
B Connection
18
14
C Connection
9
7
Maximum Off-State Leakage
@TA=+25°C, ±400V (see figure 5)
1.0
µA
Current Limit
@TA=+25°C, For 5mA Control Current:
Connection:
AC
Minimum
130
260
n/a
mA
Maximum
220
440
n/a
mA
Complies with FCC Part 68 Surge Requirements*
yes
yes
Maximum Turn-On Time
@TA=+25°C (see figure 7)
For 50mA, 100 VDC load, 5mA Control
2.0
ms
Maximum Turn-Off Time
@TA=+25°C (see figure 7)
For 50mA, 100 VDC load, 5mA Control
0.5
ms
Maximum Thermal Offset Voltage
@ 5mA Control
0.5
µV
Maximum Output Capacitance
@ 50VDC
12
pF
GENERAL CHARACTERISTICS
ALL MODELS
Minimum Dielectric Strength, Input-Output
4000
VRMS
Minimum Insulation Resistance, Input-Output
@TA=+25°C, 50%RH, 100VDC
1012
Maximum Capacitance, Input-Output
1.0
pF
Maximum Pin Soldering Temperature (10 seconds maximum)
+260
Ambient Temperature Range:
Operating
-40 to +85
°C
Storage
-40 to +100
INPUT CHARACTERISTICS
Part Numbers
Units
PVT412L
PVT412
Minimum Control Current
(see figures 1 and 2)
3.0
mA
Maximum Control Current for Off-State Resistance
0.4
mA
Control Current Range
(Caution: current limit input LED, see figure 6)
3.0 to 25
mA
Maximum Reverse Voltage
7.0
V
Electrical Specifications (-40°C
≤ TA ≤ +85°C unless otherwise specified)
International Rectifier does not recommend the use of this product in aerospace, avionics, military or life support applications.
Users of this International Rectifier product in such applications assume all risks of such use and indemnify International
Rectifier against all damages resulting from such use.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com