Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT412 Datasheet(PDF) 1 Page - International Rectifier

Part # PVT412
Description  Microelectronic Power IC Relay Single Pole, Normally Open, 0-400V, 140mA AC/DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT412 Datasheet(HTML) 1 Page - International Rectifier

  PVT412 Datasheet HTML 1Page - International Rectifier PVT412 Datasheet HTML 2Page - International Rectifier PVT412 Datasheet HTML 3Page - International Rectifier PVT412 Datasheet HTML 4Page - International Rectifier PVT412 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet No. PD 60040-G
Series PVT412
Microelectronic Power IC
HEXFET® Power MOSFET Photovoltaic Relay
Single Pole, Normally Open,
0-400V, 140mA AC/DC
General Description
The PVT412 Series Photovoltaic Relay is a single-
pole, normally open solid-state relay that can replace
electromechanical relays in many applications. It util-
izes International Rectifier’s proprietary HEXFET
power MOSFET as the output switch, driven by an
integrated circuit photovoltaic generator of novel
construction. The output switch is controlled by ra-
diation from a GaAlAs light emitting diode (LED)
which is optically isolated from the photovoltaic gen-
erator.
These SSRs are specifically designed for worldwide
telecom applications. PVT412L employs an active
current-limiting circuitry enabling it to pass FCC Part
68 and other regulatory agency current surge re-
quirements when overvoltage protection is provided.
PVT412 does not employ the current-limiting circuitry
and offers lower on-state resistance.
Series PVT412 Relays are packaged in a 6-lead
molded DIP package with either thru-hole or surface
mount (‘gull-wing’) terminals. It is available in stan-
dard plastic shipping tubes or on tape-and-reel.
Please refer to part identification information oppo-
site.
Part Identification
PVT412L
current limit, thru-hole
PVT412LS
current limit, surface-mount
PVT412LS-T current limit, surface-mount,
Tape and Reel
PVT412
no current limit, thru-hole
PVT412S
no current limit, surface-mount
PVT412S-T
no current limit, surface-mount,
Tape and Reel
Applications
! On/Off Hook switch
! Dial-Out relay
! Ring relay
! General switching
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
Features
!
HEXFET Power MOSFET output
!
Bounce-free operation
!
4,000 V
RMS I/O isolation
!
Load current limiting
!
Linear AC/DC operation
!
Solid-State Reliability
!
UL recognized and BABT certified
! ESD Tolerance:
4000V Human Body Model
500V Machine Model
www.irf.com
1


Similar Part No. - PVT412

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT412A IRF-PVT412A Datasheet
124Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
PVT412APBF IRF-PVT412APBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 240mA AC / 360mA DC
PVT412APBF IRF-PVT412APBF Datasheet
199Kb / 6P
Bounce-free operation
PVT412APBF IRF-PVT412APBF_15 Datasheet
199Kb / 6P
Bounce-free operation
PVT412AS IRF-PVT412AS Datasheet
124Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
More results

Similar Description - PVT412

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT312 IRF-PVT312 Datasheet
249Kb / 4P
Microelectronic Power IC Relay Single Pole, Normally Open, 0-250V, 190mA AC/DC
PVT322A IRF-PVT322A Datasheet
302Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-250V, 170mA AC/DC
PVT422 IRF-PVT422 Datasheet
304Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PVT422P IRF-PVT422P Datasheet
331Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PVU414 IRF-PVU414 Datasheet
205Kb / 4P
Microelectronic Power IC Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PVT442 IRF-PVT442 Datasheet
87Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Relay Single Pole, Normally Closed 0-400V, 170mA AC/DC
PVT412A IRF-PVT412A Datasheet
124Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
PVT412ASPBF IRF-PVT412ASPBF Datasheet
1Mb / 5P
Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
PVT412PBF IRF-PVT412PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PVU414PBF IRF-PVU414PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com