Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT422P Datasheet(PDF) 4 Page - International Rectifier

Part # PVT422P
Description  Microelectronic Power IC Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT422P Datasheet(HTML) 4 Page - International Rectifier

  PVT422P Datasheet HTML 1Page - International Rectifier PVT422P Datasheet HTML 2Page - International Rectifier PVT422P Datasheet HTML 3Page - International Rectifier PVT422P Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Series PVT422P — HEXFET® Photovoltaic Relay
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 713215
IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: 171 (K&H Bldg.), 30-4 Nishi-ikebukuro 3-Chome, Toshima-ku, Tokyo, Japan Tel: ++ 81 3 3983 0641
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: ++ 65 221 8371
http://www/irf.com/
Data and specifications subject to change without notice. 1/97
Mechanical Specifications
Dimensions in millimeters (inches)
1. CONTROLLING DIMENSION: INCH
Ž
Ž
Ž
Ž
Ž DIMENSION DOES NOT INCLUDE MOLD PROTRUSIONS. MOLD
PROTRUSIONS SHALL NOT EXCEED 0.25 (.010).
Figure 8. Typical Output Capacitance
Figure 7. Delay Time Definitions
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com