Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT422P Datasheet(PDF) 1 Page - International Rectifier

Part # PVT422P
Description  Microelectronic Power IC Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT422P Datasheet(HTML) 1 Page - International Rectifier

  PVT422P Datasheet HTML 1Page - International Rectifier PVT422P Datasheet HTML 2Page - International Rectifier PVT422P Datasheet HTML 3Page - International Rectifier PVT422P Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PD 1.043
PVT422P
Microelectronic
Power IC Relay
Dual Pole, Normally Open 0-400V, 120mA AC/DC
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
General Description
The PVT422P Series Photovoltaic Relay is a dual-
pole, normally open solid-state relay that can
replace electromechanical relays in many applica-
tions. It utilizes International Rectifier’s HEXFET
power MOSFET as the output switch, driven by an
integrated circuit photovoltaic generator of novel
construction. The output switch is controlled by
radiation from a GaAiAs light emitting diode (LED)
which is optically isolated from the photovoltaic
generator.
PVT422P is ideally suited for PCMCIA card
applications. Its extremely low profile allows it to be
used in Type II cards whose outer shells are only
5mm thick.
Series PVT422P Relays are packaged in an 8-pin,
molded ‘Thin-Pak’ DIP package with ‘gull-wing’
surface mount terminals. It is available in plastic
shipping tubes or on tape-and-reel. Please refer to
Part Identification (opposite) for details.
PVT422P Features
HEXFET Power MOSFET output s
s
s
s
s
Bounce-free operation s
s
s
s
s
3,750 VRMS I/O isolation s
s
s
s
s
Linear AC/DC operation s
s
s
s
s
Solid-State reliability s
s
s
s
s
UL recognized s
s
s
s
s
PVT422P
‘Thin-Pak’
Applications
On/Off Hook switch s
s
s
s
s
Dial-Out relay s
s
s
s
s
Ring injection relay s
s
s
s
s
General switching s
s
s
s
s
Part Identification
PVT422P
surface-mount, plastic shipping tube
PVT422P-T
surface-mount, tape-and-reel
HEXFET® Power MOSFET Photovoltaic Relay
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - PVT422P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT422PBF IRF-PVT422PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PVT422PBF IRF-PVT422PBF Datasheet
430Kb / 6P
HEXFET Power MOSFET output
PVT422PBF IRF-PVT422PBF_08 Datasheet
1Mb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual Pole, Normally Open
PVT422PBF IRF-PVT422PBF_15 Datasheet
430Kb / 6P
HEXFET Power MOSFET output
More results

Similar Description - PVT422P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVO402P IRF-PVO402P Datasheet
281Kb / 6P
POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Dual Pole, Normally Open Ring Detector 0-400V, 120mA AC/DC
PVT312 IRF-PVT312 Datasheet
249Kb / 4P
Microelectronic Power IC Relay Single Pole, Normally Open, 0-250V, 190mA AC/DC
PVT322 IRF-PVT322 Datasheet
261Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-250V, 170mA AC/DC
PVT322A IRF-PVT322A Datasheet
302Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-250V, 170mA AC/DC
PVT412 IRF-PVT412 Datasheet
174Kb / 5P
Microelectronic Power IC Relay Single Pole, Normally Open, 0-400V, 140mA AC/DC
PVT422 IRF-PVT422 Datasheet
304Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PVU414 IRF-PVU414 Datasheet
205Kb / 4P
Microelectronic Power IC Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PVT412A IRF-PVT412A Datasheet
124Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
PVT412ASPBF IRF-PVT412ASPBF Datasheet
1Mb / 5P
Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
PVT422PBF IRF-PVT422PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com