Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2000C Datasheet(PDF) 1 Page - International Rectifier

Part # SD2000C
Description  STANDARD RECOVERY DIODES Hockey Puk Version
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD2000C Datasheet(HTML) 1 Page - International Rectifier

  SD2000C Datasheet HTML 1Page - International Rectifier SD2000C Datasheet HTML 2Page - International Rectifier SD2000C Datasheet HTML 3Page - International Rectifier SD2000C Datasheet HTML 4Page - International Rectifier SD2000C Datasheet HTML 5Page - International Rectifier SD2000C Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SD2000C..L SERIES
STANDARD RECOVERY DIODES
Hockey Puk Version
2100A
Bulletin I2088/A
Features
Wide current range
High voltage ratings up to 1000V
High surge current capabilities
Diffused junction
Hockey Puk version
Case style DO-200AB (B-PUK)
Typical Applications
Converters
Power supplies
High power drives
Auxiliary system supplies for traction applications
Major Ratings and Characteristics
I
F(AV)
2100
A
@ T
hs
55
°C
I
F(RMS)
3900
A
@ T
hs
25
°C
I
FSM
@ 50Hz
23900
A
@ 60Hz
25000
A
I
2t
@ 50Hz
2857
KA
2s
@ 60Hz
2608
KA
2s
V
RRM
range
400 to 1000
V
T
J
- 40 to 180
°C
Parameters
SD2000C..L
Units
case style DO-200AB (B-PUK)
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - SD2000C

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
SD2000C TEL-SD2000C Datasheet
161Kb / 1P
STANDARD RECOVERY DIODE
SD2000C04L TEL-SD2000C04L Datasheet
161Kb / 1P
STANDARD RECOVERY DIODE
logo
Vishay Siliconix
SD2000C04L VISHAY-SD2000C04L Datasheet
124Kb / 6P
Standard Recovery Diodes (Hockey PUK Version), 2100 A
14-May-08
SD2000C04L VISHAY-SD2000C04L Datasheet
137Kb / 7P
Standard Recovery Diodes (Hockey PUK Version), 2100 A
14-May-08
SD2000C04L VISHAY-SD2000C04L_12 Datasheet
137Kb / 7P
Standard Recovery Diodes (Hockey PUK Version), 2100 A
14-May-08
More results

Similar Description - SD2000C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD1100C IRF-SD1100C Datasheet
226Kb / 7P
STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
STANDARD RECOVERY DIODES Hockey Puk Version
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
STANDARD RECOVERY DIODES Hockey Puk Version
SD3000C IRF-SD3000C Datasheet
171Kb / 6P
STANDARD RECOVERY DIODES Hockey Puk Version
SD4000C IRF-SD4000C Datasheet
177Kb / 6P
STANDARD RECOVERY DIODES Hockey Puk Version
SD400C IRF-SD400C Datasheet
182Kb / 7P
STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com