Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2000C Datasheet(PDF) 2 Page - International Rectifier

Part # SD2000C
Description  STANDARD RECOVERY DIODES Hockey Puk Version
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD2000C Datasheet(HTML) 2 Page - International Rectifier

  SD2000C Datasheet HTML 1Page - International Rectifier SD2000C Datasheet HTML 2Page - International Rectifier SD2000C Datasheet HTML 3Page - International Rectifier SD2000C Datasheet HTML 4Page - International Rectifier SD2000C Datasheet HTML 5Page - International Rectifier SD2000C Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SD2000C..L Series
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
@ T
J
= 180°C
V
V
mA
04
400
500
SD2000C..L
08
800
900
60
10
1000
1100
ELECTRICAL SPECIFICATIONS
Voltage Ratings
I
F(AV)
Max. average forward current
2100 (1040)
A
180° conduction, half sine wave
@ Heatsink temperature
55 (85)
°C
Double side (single side) cooled
I
F(RMS)
Max. RMS forward current
3900
A
@ 25°C heatsink temperature double side cooled
I
FSM
Max. peak, one-cycle forward,
23900
t = 10ms
No voltage
non-repetitive surge current
25000
t = 8.3ms
reapplied
20100
t = 10ms
100% V
RRM
21000
t = 8.3ms
reapplied
Sinusoidal halfwave,
I2t
Maximum I2t for fusing
2857
t = 10ms
No voltage
Initial T
J
= T
J
max.
2608
t = 8.3ms
reapplied
2020
t = 10ms
100% V
RRM
1844
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
28570
KA2
√s
t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1
Low level value of threshold
voltage
V
F(TO)2
High level value of threshold
voltage
r
f1
Low level value of forward
slope resistance
r
f2
High level value of forward
slope resistance
V
FM
Max. forward voltage drop
1.55
V
I
pk
= 6000A, T
J
= T
J
max, t
p
= 10ms sinusoidal wave
A
KA2s
0.74
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
Parameter
SD2000C..L
Units
Conditions
Forward Conduction
V
m
0.13
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
0.86
(I >
π x I
F(AV)
),T
J
= T
J
max.
0.12
(I >
π x I
F(AV)
),T
J
= T
J
max.
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com