Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD403C Datasheet(PDF) 5 Page - International Rectifier

Part # SD403C
Description  FAST RECOVERY DIODES Hockey Puk Version
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD403C Datasheet(HTML) 5 Page - International Rectifier

  SD403C Datasheet HTML 1Page - International Rectifier SD403C Datasheet HTML 2Page - International Rectifier SD403C Datasheet HTML 3Page - International Rectifier SD403C Datasheet HTML 4Page - International Rectifier SD403C Datasheet HTML 5Page - International Rectifier SD403C Datasheet HTML 6Page - International Rectifier SD403C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SD403C..C Series
5
Bulletin I2067 rev. C 04/00
www.irf.com
Fig. 7 - Maximum Non-repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-repetitive Surge Current
Single and Double Side Cooled
Fig. 5 - Forward Power Loss Characteristics
Fig. 6 - Forward Power Loss Characteristics
50
60
70
80
90
100
110
120
130
0
5 0 100 150 20 0 250 300 350 40 0 450
30°
60°
90 °
12 0°
18 0°
Average Forward Curr en t (A)
Co nd uctio n A ng le
SD403C..C Series
(Doub le Side Cooled)
R
(DC) = 0.08 K/W
th J -hs
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
40
50
60
70
80
90
100
110
120
130
0
100
20 0
3 00
40 0
5 0 0
600
70 0
30 °
60 °
90 °
180 °
DC
12 0 °
A v e ra g e F o rw a r d C u rre n t ( A )
C o nd u c tion Pe riod
SD 4 0 3 C ..C Se rie s
( D ou b le Sid e C o ole d )
R
( D C ) = 0 .0 8 K / W
thJ -h s
0
10 0
20 0
30 0
40 0
50 0
60 0
70 0
80 0
0
5 0 100 150 200 250 300 350 400 450
180 °
120 °
90 °
60 °
30 °
RM S Limit
Co nd uc tio n Ang le
Average Forwar d Curr en t (A)
SD40 3C..C Series
T = 1 25 °C
J
0
10 0
20 0
30 0
40 0
50 0
60 0
70 0
80 0
90 0
10 00
11 00
0
1 0 0
2 0 0
3 0 0
400
50 0
6 00
70 0
DC
180 °
120 °
90 °
60 °
30 °
RM S L im it
C o nd u ction Pe riod
A v era g e F o rw a rd C u rre n t (A )
SD 40 3C ..C S e r ies
T = 125 ° C
J
20 00
25 00
30 00
35 00
40 00
45 00
50 00
55 00
60 00
11 0
1 0 0
Num b er O f Eq u a l A m p litud e H a lf Cy cle C urrent Pulses (N )
In it ia l T = 1 2 5 ° C
@ 60 H z 0.0 083 s
@ 50 H z 0.0 100 s
J
At An y R a t e d L o a d C o n d it io n An d W it h
R a t e d V
A p p lie d Fo llo w in g S u rg e .
RR M
SD 4 0 3 C ..C Se rie s
1000
2000
3000
4000
5000
6000
7000
0.01
0.1
1
Pulse Train Duration (s)
Versus Pulse Train D uration .
Maxim um Non Rep etitive Surge Current
Initial T = 12 5°C
No Voltage Reapplied
Rated V
Reapplied
RR M
J
SD 403C..C Series



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com