Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD403C Datasheet(PDF) 7 Page - International Rectifier

Part # SD403C
Description  FAST RECOVERY DIODES Hockey Puk Version
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD403C Datasheet(HTML) 7 Page - International Rectifier

  SD403C Datasheet HTML 1Page - International Rectifier SD403C Datasheet HTML 2Page - International Rectifier SD403C Datasheet HTML 3Page - International Rectifier SD403C Datasheet HTML 4Page - International Rectifier SD403C Datasheet HTML 5Page - International Rectifier SD403C Datasheet HTML 6Page - International Rectifier SD403C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SD403C..C Series
7
Bulletin I2067 rev. C 04/00
www.irf.com
Fig. 17 - Maximum Total Energy Loss Per Pulse Characteristics
Fig. 18 - Maximum Total Energy Loss Per Pulse Characteristics
1E 1
1E 2
1E 3
1E 4
1E 1
1 E 2
1E 3
1 E 4
1
2
0.1
Pu lse B a se w id t h ( µ s)
4
dv/ d t = 10 0 0V / µs
Si nu soidal Pulse
20 jo u le s pe r puls e
10
0.4
0.2
0. 04
T = 125 °C , V
= 800V
J
RRM
0.02
0.01
SD 403C ..S10C S e ri es
tp
1E 4 1E 1
1 E 2
1E 3
1 E 4
1
2
0.1
P ulse B a se w id t h ( µ s)
4
20 jo ule s p er p uls e
10
0.4
0.2
0. 04
T = 1 2 5° C, V
= 800V
Trapezo idal Pulse
d v/ dt = 1000V/ µs ; d i/ dt= 50A / µs
SD 403C..S10C Se rie s
J
RRM
tp
1E 1
1E 1
1 E 2
1E 3
1 E 4
1
2
0.1
P u lse Ba se w id t h ( µ s)
4
2 0 jo ules pe r pulse
10
0.4
0.2
Trape zo id al Puls e
d v/ dt = 1000V/ µs ; di / dt= 50A/ µ s
SD 403C..S15C Se rie s
T = 125° C, V
= 11 20 V
J
RR M
tp
1E 1
1E 1
1E 2
1E 3
1E 4
1 E 1
1 E2
1 E 3
1 E4
1
2
0. 1
Pu lse Ba se w id t h (µ s)
4
dv / d t = 1000V/ µ s
Si nu so idal Pu ls e
2 0 jo ule s pe r pu ls e
10
0.4
0.2
0.04
0.02
SD 403. .S15C Se ri es
T = 125 °C , V
= 1120V
J
RRM
tp
1E 4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com