Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-011053 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-011053
Description  HMIC Silicon PIN Diode SP3T Switch with Integrated Bias Network
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-011053 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-011053_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-011053_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-011053_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-011053_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-011053_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-011053_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HMIC Silicon PIN Diode SP3T Switch with Integrated Bias Network
2 - 18 GHz
Rev. V1
MASW-011053
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
2
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
2 GHz
6 GHz
12 GHz
18 GHz
dB
1.0
0.6
0.8
1.1
2.0
1.1
1.3
1.9
Input to Output Isolation
2 GHz
6 GHz
12 GHz
18 GHz
dB
54
47
40
36
62
55
50
47
Input Return Loss
2 GHz
6 GHz
12 GHz
18 GHz
dB
14
15
16
14
Input/Output IP3 @ 5 dBm
2 GHz
6 GHz
12 GHz
18 GHz
dBm
46.0
48.8
50.8
45.0
Input/Output IP2 @ 5 dBm
2 GHz
6 GHz
12 GHz
18 GHz
dBm
66.3
66.8
66.0
68.3
Switching Speed3
ns
50
3. Typical switching speed measured from 10% to 90% of detected RF signal driven by TTL compatible drivers using RC output spiking
network, R = 50 – 200 Ω , C = 390 – 560 pF.
Absolute Maximum Ratings4,5
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. MACOM does not recommend sustained operation near these
survivability limits.
Parameter
Absolute Maximum
Forward Bias Current
60 mA
Reverse Bias Voltage
(RF & DC)
50 V
RF Incident Power
33 dBm CW
Junction Temperature
+175°C
Operating Temperature
-65°C to +125°C
Storage Temperature
-65°C to +150°C
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
HMIC
Integrated
Circuits
are
sensitive
to
electrostatic discharge (ESD) and can be damaged
by static electricity. Proper ESD control techniques
should be used when handling these devices.
Electrical Specifications:
TA = +25°C, Z0 = 50 Ω, PIN = 0 dBm, DC Control Current = 20 mA (unless otherwise noted)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com