Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-011053 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-011053
Description  HMIC Silicon PIN Diode SP3T Switch with Integrated Bias Network
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-011053 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASW-011053_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-011053_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-011053_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-011053_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-011053_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-011053_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HMIC Silicon PIN Diode SP3T Switch with Integrated Bias Network
2 - 18 GHz
Rev. V1
MASW-011053
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
3
Circuit Schematic
DC Control Current6
Condition of
RF Output
J5
J6
J7
J1-J2
J1-J3
J1-J3
-20 mA
+20 mA
+20 mA
Low Loss
Isolation
Isolation
+20 mA
-20 mA
+20 mA
Isolation
Low Loss
Isolation
+20 mA
+20 mA
-20 mA
Isolation
Isolation
Low Loss
Truth Table
6. The forward diode voltage drop between:
J8 to J5, J6 or J7 is 1.0 V typical.
J5, J6 or J7 to GND is 0.9 V typical.
C1
C3
C2
C7
C5
L1
L3
L4
J5
J3
J6
J2
J4
J1
C4
C6
J8
J7
L2
Pin Diode 1
Pin Diode 6
Pin Diode 5
Pin Diode 4
Pin Diode 3
Pin Diode 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com