Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD603C Datasheet(PDF) 4 Page - International Rectifier

Part # SD603C
Description  FAST RECOVERY DIODES Hockey Puk Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD603C Datasheet(HTML) 4 Page - International Rectifier

  SD603C Datasheet HTML 1Page - International Rectifier SD603C Datasheet HTML 2Page - International Rectifier SD603C Datasheet HTML 3Page - International Rectifier SD603C Datasheet HTML 4Page - International Rectifier SD603C Datasheet HTML 5Page - International Rectifier SD603C Datasheet HTML 6Page - International Rectifier SD603C Datasheet HTML 7Page - International Rectifier SD603C Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SD603C..C Series
4
Bulletin I2068 rev. C 04/00
www.irf.com
Outline Table
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
60
70
80
90
10 0
11 0
12 0
13 0
0
100
20 0
300
400
500
30°
60 °
90°
180 °
DC
1 20°
Av erag e Forw ard Curr ent (A)
C o nd uc tion Pe riod
SD 603 C..C Series
(Single Side Cooled)
R
(DC) = 0.076 K/W
thJ -h s
70
80
90
100
110
120
130
0
5 0
1 0 0
15 0
200
2 5 0
3 0 0
35 0
30 °
60 °
90 °
120 °
18 0 °
A v e r a g e F o rw a rd C u rre n t ( A )
Co n d uc tio n A ng le
SD 6 03C ..C S e rie s
(Sin g le S id e C o o le d )
R
( D C ) = 0.076 K / W
th J -hs
0.8(0.03) MIN.
3.5 (0.14) DIA. NOM. x
1.8 (0.07) DEEP MIN. BOTH ENDS
BOTH ENDS
40.5 (1.59) DIA. MAX.
25.3 (1) DIA. MAX.
TWO PLACES
Conform to JEDEC B-43
All dimensions in millimeters (inches)
Quote between upper and lower
pole pieces has to be considered
after application of Mounting Force
(see Thermal and Mechanical
Specification)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com