Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD603C Datasheet(PDF) 5 Page - International Rectifier

Part # SD603C
Description  FAST RECOVERY DIODES Hockey Puk Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD603C Datasheet(HTML) 5 Page - International Rectifier

  SD603C Datasheet HTML 1Page - International Rectifier SD603C Datasheet HTML 2Page - International Rectifier SD603C Datasheet HTML 3Page - International Rectifier SD603C Datasheet HTML 4Page - International Rectifier SD603C Datasheet HTML 5Page - International Rectifier SD603C Datasheet HTML 6Page - International Rectifier SD603C Datasheet HTML 7Page - International Rectifier SD603C Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SD603C..C Series
5
Bulletin I2068 rev. C 04/00
www.irf.com
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5 - Forward Power Loss Characteristics
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-repetitive Surge Current
Single and Double Side Cooled
40
50
60
70
80
90
10 0
11 0
12 0
13 0
0
200
4 0 0
6 00
80 0
100 0
30 °
60 °
90 °
180 °
DC
120 °
A v e ra g e Fo rw a rd C u rre n t ( A )
Co nd uc tion Pe riod
SD 6 03C ..C S e r ie s
( D ou b le Sid e C ooled )
R
( D C ) = 0 .0 3 8 K / W
th J -hs
50
60
70
80
90
100
110
120
130
0
100
20 0
300
400
500
60 0
700
30 °
60° 90°
120°
18 0°
Average Forward Curren t (A)
Co nd uc tio n A ng le
SD603 C..C Series
(Double Side Cooled)
R
(DC) = 0.038 K/W
th J- hs
0
200
400
600
800
1000
1200
1400
1600
1800
0
100
200
30 0
400
500
60 0
180 °
120 °
90°
60°
30°
Average Forw ard C ur ren t (A)
RMS Lim it
SD60 3C..C Series
T = 12 5°C
J
Co n d uc tio n An gle
0
50 0
1000
1500
2000
2500
0
200
400
600
800
1 00 0
Averag e Forw ard Current (A)
RMS Lim it
DC
180°
120°
90°
60°
30°
SD6 03C..C Series
T = 1 25°C
J
C o nd u ction P e riod
250 0
300 0
350 0
400 0
450 0
500 0
550 0
600 0
650 0
700 0
750 0
800 0
1
1 0
100
Num b er o f Eq ua l Am p litud e H a lf C yc le Cu rre nt Pu ls es ( N)
In it ia l T = 1 2 5 ° C
@ 6 0 H z 0.00 83 s
@ 5 0 H z 0.01 00 s
J
SD 60 3C ..C S e ries
At An y R a te d L o a d C o n d itio n a n d W it h
R a t e d V
A p p lie d F o llo w in g S u rg e .
RRM
2000
3000
4000
5000
6000
7000
8000
9000
0.01
0.1
1
Pu lse T ra in D u ra tio n ( s)
M a x im u m N o n Re p e t itiv e S u rg e C u rre n t
V e rsu s P u lse Tra in D u ra t io n .
SD 6 0 3 C ..C Se rie s
In itia l T = 1 2 5 °C
N o V o ltag e R e applie d
R a t e d V
R e a p p lie d
J
RR M



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com