Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST280S Datasheet(PDF) 4 Page - International Rectifier

Part # ST280S
Description  PHASE CONTROL THYRISTORS Stud Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST280S Datasheet(HTML) 4 Page - International Rectifier

  ST280S Datasheet HTML 1Page - International Rectifier ST280S Datasheet HTML 2Page - International Rectifier ST280S Datasheet HTML 3Page - International Rectifier ST280S Datasheet HTML 4Page - International Rectifier ST280S Datasheet HTML 5Page - International Rectifier ST280S Datasheet HTML 6Page - International Rectifier ST280S Datasheet HTML 7Page - International Rectifier ST280S Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ST280S Series
4
www.irf.com
Bulletin I25161 rev. C 03/03
∆R
thJC
Conduction
(The following table shows the increment of thermal resistence R
thJC
when devices operate at different conduction angles than DC)
Ordering Information Table
Device Code
5
3
4
ST
28
0
S
06
P
0
V
7
6
8
1
2
180°
0.016
0.012
120°
0.019
0.020
90°
0.025
0.027
K/W
T
J
= T
J
max.
60°
0.036
0.037
30°
0.060
0.060
Conduction angle
Sinusoidal conduction Rectangular conduction Units
Conditions
1
-
Thyristor
2
-
Essential part number
3
-
0 = Converter grade
4
-
S = Compression bonding Stud
5
-
Voltage code: Code x 100 = V
RRM
(See Voltage Rating Table)
6
-
P = Stud base 3/4"-16UNF-2A threads
7
-
0 = Eyelet terminals (Gate and Auxiliary Cathode Leads)
1 = Fast - on terminals (Gate and Auxiliary Cathode Leads)
8
-
V = Glass-metal seal
NOTE: For Metric Device M16 x 1.5 Contact Factory



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com