Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST280S Datasheet(PDF) 5 Page - International Rectifier

Part # ST280S
Description  PHASE CONTROL THYRISTORS Stud Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST280S Datasheet(HTML) 5 Page - International Rectifier

  ST280S Datasheet HTML 1Page - International Rectifier ST280S Datasheet HTML 2Page - International Rectifier ST280S Datasheet HTML 3Page - International Rectifier ST280S Datasheet HTML 4Page - International Rectifier ST280S Datasheet HTML 5Page - International Rectifier ST280S Datasheet HTML 6Page - International Rectifier ST280S Datasheet HTML 7Page - International Rectifier ST280S Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ST280S Series
5
www.irf.com
Bulletin I25161 rev. C 03/03
Fast-on Terminals
Case Style TO-209AB (TO-93)
All dimensions in millimeters (inches)
Outline Table
2
WHITE SHRINK
RED SHRINK
RED CATHODE
RED SILICON RUBBER
+I
C.S. 0.4mm
(0.0006 s.i.)
4.3 (0.17) DIA.
19 (0.75) MAX.
8.5 (0.33) DIA.
+-
GLASS METAL SEAL
28.5 (1.12) MAX. DIA.
220 (8.66)
10 (0.39)
SW 32
C.S. 25mm 2
(0.039 s.i.)
FLEXIBLE LEAD
4 (0.16) MAX.
35 (1.38) MAX.
3/4"-16UNF-2A *
WHITE GATE
AMP. 280000-1
REF-250
* FOR METRIC DEVICE: M16 X 1.5 - LENGHT 21 (0.83) MAX.
CONTACT FACTORY
Fig. 2 - Current Ratings Characteristics
80
90
100
110
120
130
0
50
100
150
200
250
300
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduc tion Angle
ST280SSeries
R
(DC) = 0.105 K/ W
thJC
Fig. 1 - Current Ratings Characteristics
70
80
90
100
110
120
130
0
50 100 150 200 250 300 350 400 450
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduc tion Period
ST280SSeries
R
(DC) = 0.105 K/ W
thJC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com