Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN828 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN828
Description  1500W - 440V POWER FACTOR CORRECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN828 Datasheet(HTML) 2 Page - STMicroelectronics

  AN828 Datasheet HTML 1Page - STMicroelectronics AN828 Datasheet HTML 2Page - STMicroelectronics AN828 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CONCLUSIONS
The evaluation has been done using the "A" ver-
sion of the L4981 controller, without using addi-
tional features obtaining high performance re-
sults, in terms of efficiency and harmonic content.
Further improvements are possible using the ad-
ditional features of the I.C. such as the LFF (pin
16) for the best control of the output voltage or
by the use of the B version to minimise the EMI
filter.
Table 1: Test Result.
Mains rms
(V)
Vout
(V)
Pout
(W)
Power
Factor
Harmonic Distortion (%)
THD
AH3
Efficiency
(%)
176
451
509
0.998
2.0
1.9
94.2
176
444
937
0.999
1.4
1.3
94.0
176
438
1396
0.999
1.0
0.9
94.0
220
451
509
0.996
2.1
1.9
95.6
220
445
941
0.998
1.5
1.4
95.2
220
438
1396
0.999
1.0
0.9
95.3
260
452
511
0.993
2.5
1.9
95.1
260
446
945
0.997
1.4
1.3
96.4
260
439
1402
0.999
1.1
0.8
96.1
L4981A PARTS LIST
Boost inductor (T) L = 0.44mH
Core :Thomson - E 55x28x25
Gap = 3mm
Primary Turns = 42 (8 x 0.5mm)
Secondary Turns = 4 (0.15mm)
Rs = 10m
Ω /1W
R1 = 5.1k
Ω /1%
R2 = 220
Ω /1%
R3 = 75k
Ω/1Ω
R4 = 1M
R5 = 47 /1/2
Ω
R6 = 100k
Ω
R7 = 27k /1%
R8 + R9 = 3.9k
Ω
R10 = 120k
Ω
R11 = 3.9k
Ω
R12 + R13 = 15
Ω
R14 = 820k
Ω /1%
R15 = 10k
Ω /1%
R16 = 909k
Ω
R17 = 10k
Ω
Co= 940
µF = [(4 + 4) x 470µF/315V + 1µF/630V]
C1 = 2.2
µF/250Vac
C2 = 220nF/630V
C3 = 330nF
C4 = 220
µF/25V
C5 = 1.5nF
C6 = 330nF
C7 = 10
µF
Power Switch = STE30NA50-DK
Input Bridge = KPBC25-04
D2 = 1N4150 (X 4)
D3 = 1N4150
AN828 APPLICATION NOTE
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com