Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN828 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN828
Description  1500W - 440V POWER FACTOR CORRECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN828 Datasheet(HTML) 1 Page - STMicroelectronics

  AN828 Datasheet HTML 1Page - STMicroelectronics AN828 Datasheet HTML 2Page - STMicroelectronics AN828 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AN828
APPLICATION NOTE
1500W - 440V POWER FACTOR CORRECTOR
PREREGULATOR
The application here described has been tailored
to supply a three phase inverter for motion con-
trol (see fig.1). To reduce the current in the
switches of the inverter, the output voltage of the
power factor has been held quite high.
The target specification of the PFC application is:
Mains supply Vin(rms)
= 220Vac
±20%
(f = 50/60Hz)
Output Voltage Vout
= 440Vdc
Output Power Pout
= 1500W
A switching frequency of 60kHz has been chosen
as a good compromise between requirements of
small size magnetics and low switching losses.
For this application a full isolated ISOTOP(TM)
STE30NA50-DK has been used.
This module is especially intended for boost appli-
cations and consists off the integration of a low
RDS/500V Mosfet with a TURBOSWITCH(TM) di-
ode.
The use of the module allows a compact and ef-
fective solution in terms of layout and power dis-
sipation. The output stage of the L4981A/B is ca-
pable of driving directly the module without the
aid of a buffer stage. The L4981A controller is
supplied by the auxiliary of the boost inductor, a
Graetz bridge and a simple resistor for the start-
up phase. The Output capacitor filter has been re-
alized connecting in parallel four tap in "series"
configuration. This solution allows the use stand-
ard parts, in terms of the rated voltage, resulting
easier to be implemented in comparison with a
"single" configuration. To be noted that the high
frequency filter (C1 + C2) has been split in two
parts. In this way it is possible to held a low value
capacitor (C2) connected to the output of the rec-
tifier bridge, minimising the harmonic
distortion
(introduced by the rectified DC contents). On the
other hand, the capacitor (C1) connected to the
AC side of the bridge, performs most of the high
frequency filter function without introducing DC
content.
The schematic circuit is shown in fig.1
October 2002
®
R4
1M
4
BRIDGE
KBPC25-04
L4981A
R3
75K
1W
19
T
13
14
C6 330nF
R10 120K 5%
3
R12 15 5%
Rx
150K
20
R2
220
1%
R8
3.9K
5%
R6 100K
5%
C3
330nF
R9
3.9K
5%
C5
105nF
R7
27K
1%
C7
10
µF
16V
1
R15
10K
1%
R17
10K
1%
R14
820K
1%
R16
909K
1%
12
17
10
18
9
5
8
2
FUSE
10A/250V
Vi
Co
1
µF
630V
+
-
Po=1500W
Vo=440V
D95IN249C
176VAC/265VAC
D3
1N4150
RS 10mΩ
C1
2.2
µF
250V
+
-
C2
220nF
R5
47
500mW
D2
4 x
1N4150
C4 220
µF 25V
Dz 18V 500mW
R11 3.9K 5%
7
6
11
R1
5.1K
1%
R13
1 5%
STE30NA50-DK
Rx
150K
4 x
470
µF
315V
4 x
470
µF
315V
Transformer
Core: THOMSON - CSF GER55x28x25
Gap: 3.1mm for a total primary inductance of 440
µH
Primary: 42 turns of 8x0.5mm (#24 AWG)
Secondary: 4 turns of #27 AWG (0.15mm)
Figure 1: Schematic Diagram
1/3


Similar Part No. - AN828

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN82 SILABS-AN82 Datasheet
60Kb / 4P
HIGH-DENSITY MULTI CHANNEL OC-48 LAYOUT GUIDELINES FOR THE Si5100 AND Si5110
logo
STMicroelectronics
AN820 STMICROELECTRONICS-AN820 Datasheet
46Kb / 5P
In cars, the number of functions carried out by electronic components
10-May-2004
logo
ZF Friedrichshafen AG
AN820001 ZFSWITCHES-AN820001 Datasheet
371Kb / 2P
Programmable, non-contact magnetic position sensors capable of continuous rotation
AN820002 ZFSWITCHES-AN820002 Datasheet
371Kb / 2P
Programmable, non-contact magnetic position sensors capable of continuous rotation
AN820003 ZFSWITCHES-AN820003 Datasheet
371Kb / 2P
Programmable, non-contact magnetic position sensors capable of continuous rotation
More results

Similar Description - AN828

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4981A STMICROELECTRONICS-L4981A Datasheet
228Kb / 17P
POWER FACTOR CORRECTOR
Sep-1998
L6560 STMICROELECTRONICS-L6560 Datasheet
123Kb / 11P
POWER FACTOR CORRECTOR
Jun-2000
logo
AUK corp
S6500 AUK-S6500 Datasheet
492Kb / 7P
POWER FACTOR CORRECTOR
logo
STMicroelectronics
L4981A STMICROELECTRONICS-L4981A_01 Datasheet
2Mb / 16P
POWER FACTOR CORRECTOR
Nov-2001
logo
Unisonic Technologies
L8561 UTC-L8561 Datasheet
224Kb / 5P
POWER FACTOR CORRECTOR
logo
STMicroelectronics
EVAL6561-80 STMICROELECTRONICS-EVAL6561-80 Datasheet
180Kb / 13P
POWER FACTOR CORRECTOR
Jun-2004
L4981AD013TR STMICROELECTRONICS-L4981AD013TR Datasheet
2Mb / 16P
POWER FACTOR CORRECTOR
Nov-2001
L6561 STMICROELECTRONICS-L6561 Datasheet
180Kb / 11P
POWER FACTOR CORRECTOR
Apr-1999
logo
Unisonic Technologies
L8562 UTC-L8562_15 Datasheet
266Kb / 6P
POWER FACTOR CORRECTOR
UA7524 UTC-UA7524_15 Datasheet
204Kb / 5P
POWER FACTOR CORRECTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com