Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN994 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN994
Description  L638xE application guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN994 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN994 Datasheet HTML 9Page - STMicroelectronics AN994 Datasheet HTML 10Page - STMicroelectronics AN994 Datasheet HTML 11Page - STMicroelectronics AN994 Datasheet HTML 12Page - STMicroelectronics AN994 Datasheet HTML 13Page - STMicroelectronics AN994 Datasheet HTML 14Page - STMicroelectronics AN994 Datasheet HTML 15Page - STMicroelectronics AN994 Datasheet HTML 16Page - STMicroelectronics AN994 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
AN994
L6387E
13/25
4
L6387E
The L6387E (shown in Figure 10) is based on the structure of the L6385E. It has two
separate inputs and also includes an interlocking function to avoid both power switches from
being unintentionally switched on at the same time (see Table 5).
The VCC turn-on and turn-off thresholds have been lowered to 6 and 5.5 V respectively
(typical). There is no UVLO on the upper driving section.
The L6387E can be evaluated using the L6385E board.
Table 4.
L6387E pin description
N.
Name
Type
Function
1
LIN(1)
I
Low-side driver logic input. Compatible with VCC voltage (Vil Max = 1.5 V, Vih Min = 3.6 V).
2
HIN (1)
I
High-side driver logic input. Compatible with VCC voltage (Vil Max = 1.5 V, Vih Min = 3.6 V).
3
V
CC
Supply input voltage (with very low UVLO: Vccth1 = 6 V and Vccth2 = 5.5 V)
4
GND
Ground.
5
LVG
O
Low-side driver output. The output stage can deliver a 400 mA source and a 650 mA sink
(typical values). The circuit guarantees 0.3 V maximum on the pin (at Isink = 10 mA) with
VCC > 3 V and lower than the turn-on threshold. This removes the need for the bleeder
resistor connected between the gate and the source of the external MOSFET normally
used to hold the pin low.
6
OUT
O
High-side driver floating reference. Attention should be paid to the layout design of the
power stage so as to limit below-ground spikes on this pin.
7
HVG
O
High-side driver output. The output stage can deliver a 400 mA source and a 650 mA sink
(typical values). The circuit guarantees 0.3 V maximum between this pin and Vout (at
Isink = 10 mA) with VCC > 3 V and lower than the turn-on threshold. This removes the need
for the bleeder resistor connected between the gate and the source of the external
MOSFET normally used to hold the pin low.
8
VBOOT
Bootstrap supply voltage. This is the floating supply of the high-side driver. The bootstrap
capacitor connected between this pin and pin 6 can be fed by an internal structure named
"bootstrap driver" (a patented structure). This structure can replace the external bootstrap
diode.
1.
The pull-down internal resistor is typically some hundred k
Ωs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com