Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN994 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN994
Description  L638xE application guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN994 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN994 Datasheet HTML 13Page - STMicroelectronics AN994 Datasheet HTML 14Page - STMicroelectronics AN994 Datasheet HTML 15Page - STMicroelectronics AN994 Datasheet HTML 16Page - STMicroelectronics AN994 Datasheet HTML 17Page - STMicroelectronics AN994 Datasheet HTML 18Page - STMicroelectronics AN994 Datasheet HTML 19Page - STMicroelectronics AN994 Datasheet HTML 20Page - STMicroelectronics AN994 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
AN994
Bootstrap driver
17/25
6
Bootstrap driver
A bootstrap circuitry is required to supply the high voltage section. This function is normally
accomplished by a high-voltage fast recovery diode (see Figure 12). In the L638xE, a
patented integrated structure replaces the external diode. This structure is comprised of a
high-voltage DMOS—driven synchronously with the low-side driver (LVG)—with a diode in
series, as shown in Figure 13.
An internal charge pump (also shown in Figure 13) provides the DMOS driving voltage. The
diode connected in series to the DMOS has been added to avoid current flowing in the
opposite direction.
6.1
CBOOT selection and charging
To choose the proper CBOOT value the external MOSFET can be seen as an equivalent
capacitor. This capacitor CEXT is related to the total gate charge of the MOSFET.
The ratio between the capacitors CEXT and CBOOT is proportional to the cyclical voltage
loss. It must be:
For example, if Qgate is 30 nC and Vgate is 10 V, CEXT is 3 nF. With CBOOT = 100 nF the drop
would be 300 mV. If HVG needs to be supplied for a long time, the CBOOT selection also has
to take into account the leakage losses.
Another example: HVG’s steady state consumption is lower than 200 µA (which is the case
for L6385E, L6386E and L6388E, whereas for L6384E and L6387E it is lower than 100 µA).
Therefore, if HVG ton is 5 ms, CBOOT has to supply 1 µC to CEXT. This charge on a 1-µF
capacitor means a voltage drop of 1 V.
The internal bootstrap driver provides great advantages; it avoids use of the external fast
recovery diode (which usually has a high leakage current). This type of structure can only
work if VOUT is close to GND (or lower) and while the LVG is ON. The charging time (Tcharge)
of CBOOT is the time it takes for both conditions to be fulfilled and must be long enough to
charge the capacitor.
The bootstrap driver introduces a voltage drop due to the DMOS RDS(on) (typical for L638xE
is 125
Ω). At low frequencies this drop is negligible, but when the frequency is increased it
must be taken into account.
The following equation is useful to compute the drop on the bootstrap DMOS.
Qgate is the gate charge of the external power MOSFET, RDS(on) is the ON resistance of the
bootstrap DMOS, and Tcharge is the charging time of the bootstrap capacitor.
C
EXT
Q
gate
V
gate
---------------
=
CBOOT>>>CEXT
V
drop
I
ch
e
arg
R
DS on
()
V
drop
Q
gate
T
ch
e
arg
-------------------R
DS on
()
=
→
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com