Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1007 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1007
Description  L6561 - BASED SWITCHER REPLACES MAG AMPS IN SILVER BOXES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1007 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1007 Datasheet HTML 1Page - STMicroelectronics AN1007 Datasheet HTML 2Page - STMicroelectronics AN1007 Datasheet HTML 3Page - STMicroelectronics AN1007 Datasheet HTML 4Page - STMicroelectronics AN1007 Datasheet HTML 5Page - STMicroelectronics AN1007 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Without going into details, the problems that arise in such regulators will be here summarized.
To ensure a safe operation also under short circuit conditions with maximum input voltage, the mag amp
core must be overdesigned (typically by 100%). This increases its size, weight and cost.
Furthermore, the switching characteristics of the magnetic core are not so good, which limits the opera-
tional frequency and cause a poor dynamic response of the regulator. This has a negative impact also
on the design of the main transformer of the supply and of the primary switch, which will require to be
overdesigned as well.
Both the reactor and the reset PNP exhibit considerable losses, thus the efficiency is not so good.
Another drawback is that the system loses regulation at light output current, thus causing the output volt-
age to drift high. Moreover, if the regulator starts up with a light load current, the output voltage will ex-
perience an overshoot which can be risky for the load. A minimum current consumption (that may be in
the hundred mA) must then be ensured in order to avoid these phenomena. This will require either an
even bigger mag amp core (further size, weight and cost increase) or a dummy load (efficiency will be
hurt) if the output current can go below the minimum value needed to ensure regulation.
Finally, it is not an easy task to tune a mag amp design so as to achieve a satisfactory behavior in the
whole and, unless the designer has a high level of expertise, it also takes a long time.
On the other hand, mag amp approach has been either the most competitive or the only practicable so-
lution for handling high load currents so far: it avoids the losses inherent in linear regulators and the
complexity of conventional switchers.
L6561-based post regulators
Figure 4 shows an L6561-based post-regulator for generating a 3.3 V power rail, with the same rating as
the one illustrated in fig. 3, running off the winding used for the 5V main output.
Compared to the schematic of fig. 3, the parts count is lower. Moreover, the bulkiest (as well as most ex-
pensive) components are replaced by smaller (and cheaper) ones. As a result, the Printed Circuit Board
area that accommodates the L6561-based regulator is very likely to be half the one needed for a simi-
larly rated mag amp-based regulator.
The saturable core reactor is replaced by a power MOSFET (Q1). Its RDS(on) will be in the ten m
Ω, ac-
cording to the output current rating, in order to minimize conduction losses. Such a low RDS(on) does not
involve big and expensive MOSFETs because the lowest VDSS classes are required.
R1
820
R2
2.4 k
D1
Co
Vcc
L6561
Q1
3.3 V
D3
1N4148
47 k
D2
T1
T2
T3
T1
61
2
3
8
5
4
7
Vsupply
MULT
COMP
INV
GND
ZCD
CS
GD
Rsense
10 k
DISABLE
BC337
Lo
TO THE OUTPUT STAGE
OF THE 5V POWER RAIL
10 µF
Figure 4. L6561-based switcher for secondary regulation.
AN1007 APPLICATION NOTE
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com