Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1007 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1007
Description  L6561 - BASED SWITCHER REPLACES MAG AMPS IN SILVER BOXES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1007 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1007 Datasheet HTML 1Page - STMicroelectronics AN1007 Datasheet HTML 2Page - STMicroelectronics AN1007 Datasheet HTML 3Page - STMicroelectronics AN1007 Datasheet HTML 4Page - STMicroelectronics AN1007 Datasheet HTML 5Page - STMicroelectronics AN1007 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MOSFETs of such low voltage classes are available from ST in TO-220 package for through-hole as-
semblies and in DPAK / D2PAK packages for surface mount assemblies, as summarized in Table 1.
The table shows the devices suggested for typical output current ratings mentioned in Intel’s Instantly
Available PC (Power Supply ’98) specification.
Table 1. Suggested MOSFETs for typical output current ratings (3.3V output).
Iout (A)
Part Number (TO-220)
Part Number (DPAK)
Part Number (D2PAK)
6
STP30NE06
55mohm
STD20NE06
40mohm
-
-
8
STP36NE06
40mohm
STD20NE06
40mohm
-
-
10
STP55NE06
22mohm
-
-
STB55NE06
22mohm
13
STP80NE06-10
10mohm
-
-
STB80NE06-10
10mohm
Q1 is driven with a gate-drive transformer (T2), with
a coupling capacitor to eliminate the dependence of
the gate-drive voltage on the duty cycle.
The control circuit is based on the L6561, a 8-pin
Transition Mode PFC controller that turns out to be
extremely useful for this application. Please refer to
[1] for a detailed description of the device.
The supply voltage of the L6561 can be got in dif-
ferent ways, depending on the architecture of the
entire power supply. A couple of examples are
shown in fig. 5.
The operation of the circuit of fig. 4 will be now de-
scribed, with the aid of the time diagrams shown in
fig. 6.
Q1 is turned on on the negative edge of the secon-
dary voltage, detected through the ZCD pin, that is
when the primary switch is turned off. The rectifier
D1 withstands the reverse secondary voltage.
The key point is: when Q1 is switched on, the cur-
rent through D1 and Q1 is zero, thus Q1 does not
experience any switching loss and the reverse re-
covery of D1 is here of no concern.
When the primary switch is turned on, the secon-
dary voltage becomes positive and, being Q1 al-
ready on, D1 conducts. The secondary voltage (re-
duced by D1 forward drop) minus the output voltage
is applied to the output inductor Lo, causing the in-
ductor current to ramp up.
A current-sense transformer (T3) picks up the in-
ductor current (flowing through Q1 as well) and de-
velops a voltage on Rsense proportional to the cur-
rent. This voltage, applied to CS pin, is internally
compared to the output of the multiplier of the
L6561 and when the two quantities are equal, Q1 is
switched off. The system performs therefore a trail-
ing edge modulation.
The multiplier output voltage is proportional to the
product of the error amplifier output voltage (at pin
COMP) times the multiplier input voltage (at pin
MULT). COMP voltage is in turn a function of the
amplified difference between a portion of the output
voltage (set by R1 and R2) and the internal 2.5V
12V / 4A
L4955
Vsupply
(13 < V < 18)
5V
TO FEEDBACK
Vsupply
MAIN
OUTPUT
Figure 5. Circuits for the generation of the
L6561 supply voltage
PRIMARY
SWITCH
ON
OFF
SECONDARY
VOLTAGE
Q1 GATE
VOLTAGE
Q1 & D1
CURRENT
D2
CURRENT
Figure 6. L6561-based switcher time diagrams.
AN1007 APPLICATION NOTE
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com