Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1061 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1061
Description  2A HIGH EFFICIENCY DC-DC CONVERTERY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1061 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1061 Datasheet HTML 9Page - STMicroelectronics AN1061 Datasheet HTML 10Page - STMicroelectronics AN1061 Datasheet HTML 11Page - STMicroelectronics AN1061 Datasheet HTML 12Page - STMicroelectronics AN1061 Datasheet HTML 13Page - STMicroelectronics AN1061 Datasheet HTML 14Page - STMicroelectronics AN1061 Datasheet HTML 15Page - STMicroelectronics AN1061 Datasheet HTML 16Page - STMicroelectronics AN1061 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13/21
AN1061 APPLICATION NOTE
4.2 INPUT CAPACITOR
The input capacitors have to be able to support the max input operating voltage of the device
and the max rms input current.
Figure 21. Application Circuit
The input current is squared and the quality of these capacitors has to be very high to minimise
its power dissipation generated by the internal ESR, improving the system reliability.
Moreover, input capacitors are also affecting the system efficiency.
The max Irms current flowing through the input capacitors is:
where h is the expected system efficiency, D is the duty cycle and Io the output dc current. This
function reaches the maximum value at D = 0.5 and the equivalent rms current is equal to Io/2.
The following diagram is the graphical representation of the above equation, with an estimated
efficiency of 85% at different output currents.
The maximum and minimum duty cycles are:
This formula is not taking into account the power mos Rdson, considering negligible the inher-
ent voltage drop, respect input and output voltages.
At full load, 2A and D = 0.5% the rms capacitor current to be sustained is of 1A.
The selected EKE 220
µF/63V Roderstain is able to support this current.
D98IN915
5
2
8
4
1
L4978
C1
220
µF
63V
C8
330
µF
VO=5.1V/2A
Vin=8V to 55V
R1
20K
C2
2.7nF
R2
9.1K
C4
22nF
3
7
L1
126
µH
(77120)
6
D1
STPS3L60U
C5
100nF
C7
220nF
C6
100nF
R3
R4
C1=220
µF/63V EKE
C2=2.7nF
C5=100nF
C6=100nF
C7=220nF/63V
C8=330
µF/35V CG Sanyo
L1=126
µH KoolMu 77120 - 55 Turns - 0.5mm
R1=20K
R2=9.1K
D1=STPS3L60U
VO(V)
R3(K
Ω)
R4(K
Ω)
3.3
5.1
12
15
18
24
0
2.7
12
16
20
30
4.7
4.7
4.7
4.7
4.7
L4978
I
rms
I
O
D
2D
2
⋅
η
---------------
–
D
2
η
2
-------
+
⋅
=
D
max
V
O
V
f
+
V
inmin
V
f
+
----------------------------
0.66
==
D
max
V
O
V
f
+
V
inmax
V
f
+
------------------------------
0.1
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com