Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1061 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1061
Description  2A HIGH EFFICIENCY DC-DC CONVERTERY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1061 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1061 Datasheet HTML 1Page - STMicroelectronics AN1061 Datasheet HTML 2Page - STMicroelectronics AN1061 Datasheet HTML 3Page - STMicroelectronics AN1061 Datasheet HTML 4Page - STMicroelectronics AN1061 Datasheet HTML 5Page - STMicroelectronics AN1061 Datasheet HTML 6Page - STMicroelectronics AN1061 Datasheet HTML 7Page - STMicroelectronics AN1061 Datasheet HTML 8Page - STMicroelectronics AN1061 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5/21
AN1061 APPLICATION NOTE
Figure 7. Maximum Duty Cycle vs Rosc and Cosc as Parameter
3.1 Current Protection
The L4978 has two current limit levels, pulse by pulse and hiccup modes.
Increasing the output current till the pulse by pulse limiting current threshold (Ith1 typ. value of
3A) the controller reduces the on-time till the value of TB = 300ns that is a blanking time in
which the current limit protection does not trigger. This minimun time is necessary to avoid un-
desirable intervention of the protection due to the spike current generated during the recovery
time of the freewheeling diode.
In this condition, because of this fixed balnking time, the output current is given by:
Where Ro is the load resistance, Vf is the diode forward voltage. RD and RL are the series
resistance of,
respectively, the freewheeling diode and the choke.
Typical output characteristics are represented in figure 8 and 9.
In fig 8, the pulse by pulse protection is sufficient to limit the current.
In fig 9 the pulse by pulse protection is no more effective to limit the current due to the minimun
Ton fixed by the blanking time TB, and the hiccup protection intervenes because the output
peak current reachs the relative threshold.
0
4
8
121620242832 ROSC(K
Ω)
0.60
0.70
0.80
0.90
Dmax
D97IN685
0.8nF
1.2nF
2.2nF
4.7nF
5.3nF
I
max
V
CC
T
B
F
SW
V
f
1T
B
F
SW
⋅
–
()
⋅
–
⋅⋅
[]
R
O
R
D
R
L
+
() 1T
B
F
SW
⋅
–
()
R
dson
R
L
+
()T
B
F
SW
⋅
++
[]
----------------------------------------------------------------------------------------------------------------------------------------------------
=
Figure 8. Output Characteristic
Figure 9. Output Characteristic
3A
3.6A
IO
VO
D98IN909A
A
B
C
3A
3.6A
IO
VO
D99IN1077
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com