Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1094 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1094
Description  Solution for off-line SMPS using VIPer100-E
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1094 Datasheet(HTML) 7 Page - STMicroelectronics

  AN1094 Datasheet HTML 1Page - STMicroelectronics AN1094 Datasheet HTML 2Page - STMicroelectronics AN1094 Datasheet HTML 3Page - STMicroelectronics AN1094 Datasheet HTML 4Page - STMicroelectronics AN1094 Datasheet HTML 5Page - STMicroelectronics AN1094 Datasheet HTML 6Page - STMicroelectronics AN1094 Datasheet HTML 7Page - STMicroelectronics AN1094 Datasheet HTML 8Page - STMicroelectronics AN1094 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AN1094
BOM
7/9
4
BOM
Table 1.
Bill of material
Device
Pitch
(mm)
Type
Description
C1
15
0.1 µF 400 V
Film
C2
10
100 µF 400 V
Electrolytic, high voltage, high temp
C3
15
0.1 µF 400 V
Film
C4
5
1000 µF 16 V
Electrolytic, low ESR
C5
5
1000 µF 16 V
Electrolytic, low ESR
C6
7.5
1 nF 400 V
Ceramic high voltage - classY
C7
2
22 µF 16 V
Electrolytic
C8
5
4.7 nF
Film, WYMA
C9
5
4.7 nF
Ceramic
C10
5
100 nF
Ceramic
D1
8x5
1 A/600 V
DIL diodes bridge
D2
9
BYT11-400
D3
5
BYW81/100
D4
9
BZW50-180
D5
7
BZX55C10
Zener
D6
4
GREEN LED
D7
7
1N4448
F1
23
2 A FUSE
ISO1
5x8
4N25
J1
5
2contacts screw PCB connector
J2
5
2contacts screw PCB connector
L1
5
100 µH inductor
1 A rated
L2
(*)
B82731-R2801-A30
(1)
L4
5
100 µH inductor
1 A rated
POT1
4+3
1 k
Ω POT
3/4 turn, horizontal, miniature
R1
10
3.9 k
Ω
0.25 W
R2
10
3.9 k
Ω
0.25 W
R3
7.5
33
Ω NTC
LCC
R4
10
2 k
Ω
0.25 W
R5
10
4.7 k
Ω
0.25 W
R6
10
10
Ω
0.25 W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com