Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1094 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1094
Description  Solution for off-line SMPS using VIPer100-E
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1094 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1094 Datasheet HTML 1Page - STMicroelectronics AN1094 Datasheet HTML 2Page - STMicroelectronics AN1094 Datasheet HTML 3Page - STMicroelectronics AN1094 Datasheet HTML 4Page - STMicroelectronics AN1094 Datasheet HTML 5Page - STMicroelectronics AN1094 Datasheet HTML 6Page - STMicroelectronics AN1094 Datasheet HTML 7Page - STMicroelectronics AN1094 Datasheet HTML 8Page - STMicroelectronics AN1094 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AN1094
VIPer100-E major features
3/9
1
VIPer100-E major features
●
Adjustable Switching Frequency up to 200 kHz
●
Optimized for current mode control topology
●
Inherent feedforward compensation
●
Soft-start and enable functions
●
Overcurrent protection
●
Overtemperature protection
●
Overvoltage protection
●
Undervoltage lock-out with hysteresis
●
Low standby current
●
Integrated start-up supply
●
Automatic burst mode operation in standby condition
●
Internally trimmed BANDGAP reference
Figure 2.
Block diagram
bsolete
Product(s)
- Obsolete
Pro
duc
VDD
OSC
COMP
DRAIN
SOURCE
13 V
UVLO
LOGIC
SECURITY
LATCH
PWM
LATCH
FF
FF
R/S
S
Q
S
R1
R2 R3
Q
OSCILLATOR
OVERTEMP.
DETECTOR
ERROR
AMPLIFIER
_
+
0.5 V
+
_
1.7
µ s
DELAY
250 ns
BLANKING
CURRENT
AMPLIFIER
ON/OFF
0.5V
1 V/A
_
+
+
_
4.5 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com