Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1126 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1126
Description  CURRENT SHARING OF THE L4973
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1126 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1126 Datasheet HTML 8Page - STMicroelectronics AN1126 Datasheet HTML 9Page - STMicroelectronics AN1126 Datasheet HTML 10Page - STMicroelectronics AN1126 Datasheet HTML 11Page - STMicroelectronics AN1126 Datasheet HTML 12Page - STMicroelectronics AN1126 Datasheet HTML 13Page - STMicroelectronics AN1126 Datasheet HTML 14Page - STMicroelectronics AN1126 Datasheet HTML 15Page - STMicroelectronics AN1126 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
The LM358 configured as an integrator introduces a gain given by Rs , a pole in Gint(s) and a zero in
Z(s) :
Vfb= ( Rs / s
⋅ Cint ⋅ Rint )[ (I+) ⋅ (1 + s ⋅ Cint ⋅ Rint) - (I-) ]
Assuming :
Gint
(s) = Rs
1
s
Rint ⋅ Cint
and :
H(s) = (1 + s
⋅ Rint ⋅ Cint)
the current control loop block diagram can be considered as shown in Figure 20.
The complete block diagram of the current sharing loop is shown is figure 21.
The open loop function of the current loop is given by :
F(s) := GpwmZint(s)
⋅ Gfil(s) ⋅ A(s)
In figures 22 and 23 are shown the open loop Gain and Phase Bode plot . The capacitor C5 does not
influence the system stability but is useful only to reduce the noise. The cut off frequency and a phase
margin are: Fc = 8KHz; Angle = 40°
Current
Feedback
I-
A(s)
Compensated
E/A
PWM
Gain
Gfilt(s)
Output
Filter
I+
Gint(s)
Current
integrator
Vfb
H(s)
G(s) ( Compensated E/A, PWMGain, Output Filter )
Figure 20. Block diagram of the current loop
1/Rload
G(s)
( Compensated E/A,
PWMGain,
Output Filter )
Vref
Vfb
∆ V
Av
Vout
U1 section (Voltage Loop )
Gint(s)
I+
H(s)
∆ I
-
Iout
I+
I-
-
U2 section ( Current Loop )
G(s)
( Compensated E/A,
PWMGain,
Output Filter )
Figure 21. Complete block diagram of the current sharing loop
AN1126 APPLICATION NOTE
13/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com