Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1126 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1126
Description  CURRENT SHARING OF THE L4973
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1126 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1126 Datasheet HTML 8Page - STMicroelectronics AN1126 Datasheet HTML 9Page - STMicroelectronics AN1126 Datasheet HTML 10Page - STMicroelectronics AN1126 Datasheet HTML 11Page - STMicroelectronics AN1126 Datasheet HTML 12Page - STMicroelectronics AN1126 Datasheet HTML 13Page - STMicroelectronics AN1126 Datasheet HTML 14Page - STMicroelectronics AN1126 Datasheet HTML 15Page - STMicroelectronics AN1126 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Load Transient Response
Figure 24 shows the load transient be-
havior of the schematic circuit of Fig-
ure 15.
In Figure 24 are shown the current de-
liveder from the two sections, the load
current and
the drop voltage on the
output . After 20
µs the total current de-
livered from the two section is equal to
the current required from the load. So
the response time of the application is
20
µs approximately for a load transient
from 1A to 6A.
TEST CONDITIONS (fig 24):
Vin = 5V, Vout = 3.3V, Load transient
form 1A to 6A, dIout/dt = 20A/
µs.
110
100
1 10
3
110
4
110
5
-20
0
20
40
60
80
100
120
| F |
f [ Hz ]
[ dB ]
Figure 22. Gain Bode open loop plot.
1
10
100
1 10
3
110
4
110
5
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
φ F
[ ° ]
f [ Hz ]
Figure 23. Phase Bode open loop plot.
Figure 24. Load transient response.
AN1126 APPLICATION NOTE
14/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com