Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST303C Datasheet(PDF) 3 Page - International Rectifier

Part # ST303C
Description  INVERTER GRADE THYRISTORS Hockey Puk Version
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST303C Datasheet(HTML) 3 Page - International Rectifier

  ST303C Datasheet HTML 1Page - International Rectifier ST303C Datasheet HTML 2Page - International Rectifier ST303C Datasheet HTML 3Page - International Rectifier ST303C Datasheet HTML 4Page - International Rectifier ST303C Datasheet HTML 5Page - International Rectifier ST303C Datasheet HTML 6Page - International Rectifier ST303C Datasheet HTML 7Page - International Rectifier ST303C Datasheet HTML 8Page - International Rectifier ST303C Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ST303C..L Series
Voltage
V
DRM
/V
RRM
, maximum
V
RSM
, maximum
I
DRM
/I
RRM
max.
Type number
Code
repetitive peak voltage
non-repetitive peak voltage
@ T
J
= T
J
max.
V
V
mA
04
400
500
08
800
900
10
1000
1100
12
1200
1300
Frequency
Units
50Hz
1130
950
1800
1540
5660
4990
400Hz
1010
820
1850
1570
2830
2420
1000Hz
680
530
1560
1300
1490
1220
2500Hz
230
140
690
510
540
390
Recovery voltage Vr
50
50
50
50
50
50
Voltage before turn-on Vd
VDRM
VDRM
VDRM
Rise of on-state current di/dt
50
50
-
-
-
-
A/
µs
Heatsink temperature
40
55
40
55
40
55
°C
Equivalent values for RC circuit
10
Ω / 0.47µF
10
Ω / 0.47µF
10
Ω / 0.47µF
ELECTRICAL SPECIFICATIONS
Voltage Ratings
I
T(AV)
Max. average on-state current
515 (190)
A
180° conduction, half sine wave
@ Heatsink temperature
55 (85)
°C
double side (single side) cooled
I
T(RMS)
Max. RMS on-state current
995
DC @ 25°C heatsink temperature double side cooled
I
TSM
Max. peak, one half cycle,
7950
t = 10ms
No voltage
non-repetitive surge current
8320
A
t = 8.3ms
reapplied
6690
t = 10ms
100% V
RRM
7000
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
316
t = 10ms
No voltage
Initial T
J
= T
J
max
289
t = 8.3ms
reapplied
224
t = 10ms
100% V
RRM
204
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
3160
KA2
√s
t = 0.1 to 10ms, no voltage reapplied
Parameter
ST303C..L
Units
Conditions
On-state Conduction
KA2s
I
TM
180oel
180oel
100
µs
I
TM
I
TM
Current Carrying Capability
V
A
ST303C..L
50
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com