Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST303C Datasheet(PDF) 7 Page - International Rectifier

Part # ST303C
Description  INVERTER GRADE THYRISTORS Hockey Puk Version
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST303C Datasheet(HTML) 7 Page - International Rectifier

Back Button ST303C Datasheet HTML 2Page - International Rectifier ST303C Datasheet HTML 3Page - International Rectifier ST303C Datasheet HTML 4Page - International Rectifier ST303C Datasheet HTML 5Page - International Rectifier ST303C Datasheet HTML 6Page - International Rectifier ST303C Datasheet HTML 7Page - International Rectifier ST303C Datasheet HTML 8Page - International Rectifier ST303C Datasheet HTML 9Page - International Rectifier ST303C Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ST303C..L Series
Fig. 17 - Gate Characteristics
0 .1
1
1 0
1 0 0
0.0 0 1
0.0 1
0 .1
1
1 0
1 00
V G D
IG D
( b )
( a )
( 1 )
( 2 )
In st a n t a n e o u s G a t e C u rre n t (A )
Re c ta n g u la r g a t e p u lse
a ) Re c o m m e n d e d lo a d lin e f o r
b ) Re c o m m e n d e d lo a d lin e f o r
< = 3 0 % ra t e d d i/ d t : 1 0 V , 1 0 o h m s
ra t e d d i/ d t : 2 0 V , 1 0 o h m s; t r< = 1 µ s
t r< = 1 µ s
( 1 ) PG M = 1 0 W , t p = 2 0 m s
( 2 ) PG M = 2 0 W , t p = 1 0 m s
( 3 ) PG M = 4 0W , t p = 5 m s
( 4 ) PG M = 6 0 W , t p = 3 .3 m s
(3 )
D e v ic e : ST3 0 3 C ..L Se rie s Fre q u e n c y Lim it e d b y PG ( A V )
(4 )
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com