Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1320 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1320
Description  IN BALLAST APPLICATIONS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1320 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1320 Datasheet HTML 9Page - STMicroelectronics AN1320 Datasheet HTML 10Page - STMicroelectronics AN1320 Datasheet HTML 11Page - STMicroelectronics AN1320 Datasheet HTML 12Page - STMicroelectronics AN1320 Datasheet HTML 13Page - STMicroelectronics AN1320 Datasheet HTML 14Page - STMicroelectronics AN1320 Datasheet HTML 15Page - STMicroelectronics AN1320 Datasheet HTML 16Page - STMicroelectronics AN1320 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13/20
AN1320 APPLICATION NOTE
9.2 Appendix 2 - Vardef.inc
;*****************************************************************************
;
;
MODULE Name:
VarDef.Inc
;
;*****************************************************************************
; *** Default duty cycle value for preheating
DUTY_PRE
.EQU
0BEh
; *** Maximum start-up sequence retrials
MAX_TENT
.EQU
3h
; *** Default Sw PWM Duty Cycle
DEF_SW_DUTY.EQU
0BCh
; *** Gen waiting timer parameters
;
Gen Waiting = 2ms
;
GenTick = 11
-> 11*192us = 2.112 ms
;
GenRep = 1
GenTick
.equ
0Bh
GenRepeat
.equ
01h
; *** Tpre waiting timer parameters
; Tpre [0.5 ./. 2 sec] = 1 sec
;
TpreTick = 256
-> 256*192us = 49.152 ms
;
TpreRep = 21
-> 21*49.152ms = 1.032 s
TpreTick
.equ
0FFh
TpreRepeat
.equ
015h
; *** Tign waiting timer parameters
; Tign [(100 ./. 200)/64 msec] = 150/64 msec = 2.34 ms
;
TignTick = 12
-> 12*192us = 2.3 ms
;
TignRep = 1
TignTick
.equ
0Ch
TignRepeat
.equ
01h
; *** Tad waiting timer parameters
; Tad = c.a 500 ms
;
TadTick = 256
-> 256*192us = 49.152 ms
;
TadRep = 10
-> 10*49.152ms = 491 ms
TadTick
.equ
0FFh
TadRepeat
.equ
0Ah
.ORG
0F00H
; Look-up table for PWM
;
*HW* *SW*
.BYTE
0BCH,0B4H
; Samp = 0
.BYTE
0C1H,0C8H
.BYTE
0C2H,0CBH
.BYTE
0C4H,0CEH
.BYTE
0C6H,0D2H
.BYTE
0CBH,0DBH
.BYTE
0D0H,0E6H
.BYTE
0D5H,0FEH
; Samp = 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com