Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1320 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1320
Description  IN BALLAST APPLICATIONS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1320 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1320 Datasheet HTML 10Page - STMicroelectronics AN1320 Datasheet HTML 11Page - STMicroelectronics AN1320 Datasheet HTML 12Page - STMicroelectronics AN1320 Datasheet HTML 13Page - STMicroelectronics AN1320 Datasheet HTML 14Page - STMicroelectronics AN1320 Datasheet HTML 15Page - STMicroelectronics AN1320 Datasheet HTML 16Page - STMicroelectronics AN1320 Datasheet HTML 17Page - STMicroelectronics AN1320 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AN1320 APPLICATION NOTE
14/20
9.3 Appendix 3 - ballast.asm
;*****************************************************************************
;
;
MODULE Name:
Ballast.asm
;
;*****************************************************************************
.romsize 4
.vers "st6262"
.input "ST626x.INI"; ST626x data space & registers declaration
.input "VarDef.inc"
;==========================================================
; Data Variables
;==========================================================
Step
.DEF
084H,0FFH,0FFH,M
Repeat
.DEF
085H,0FFH,0FFH,M
NrTent
.DEF
086H,0FFH,0FFH,M
Media
.DEF
087H,0FFH,0FFH,M
Count
.DEF
088H,0FFH,0FFH,M
Sample
.DEF
089H,0FFH,0FFH,M
;==========================================================
; Ignition Sweep PWM Parameters
;==========================================================
.ORG
0F40H
.BYTE
0BEH,0BEH,0BEH,0BFH,0BFH,0BFH,0C0H,0C0H
.BYTE
0C0H,0C1H,0C1H,0C1H,0C2H,0C2H,0C2H,0C3H
.BYTE
0C3H,0C3H,0C4H,0C4H,0C4H,0C5H,0C5H,0C5H
.BYTE
0C6H,0C6H,0C6H,0C7H,0C7H,0C7H,0C8H,0C8H
.BYTE
0C8H,0C9H,0C9H,0C9H,0CAH,0CAH,0CAH,0CBH
.BYTE
0CBH,0CBH,0CCH,0CCH,0CCH,0CDH,0CDH,0CDH
.BYTE
0CEH,0CEH,0CFH,0CFH,0D0H,0D0H,0D1H,0D1H
.BYTE
0D1H,0D2H,0D2H,0D2H,0D3H,0D3H,0D3H,0D3H
;==========================================================
;
Inizialisation
;==========================================================
.org 880h
Init
reti
clr
IOR
; Disable Interrupts (Confirm Reset Value)
; *** Oscillator and internal Timer
ldi
OSCR,08h
; Set Prescaler ratio @ 1
ldi
TSCR,27h
; Timer1 no int, presc 128, lock
; ***
Port configuration
; Port A: All Input, No Interrupt, Pulled up, except PA4 Analog - PA4 = A/D (in), PA5 = N/C
ldi
DRA,10h
clr
DDRA
ldi
OPRA,10h
; Port B: port 2,6 and 7 output 0, push pull, value 1; port 3 input
;
PB0 = 6574 Disable PB2 = SW PWM (out), PB3 = POWER OK (in),
;
PB6 = PFC Disable (out), PB7 = HW PWM - AutoReload Timer (out)
clr
DRB
ldi
DDRB,0C5H
ldi
OPRB,0C5H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com