Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1451 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN1451
Description  L6208 FULLY INTEGRATED TWO PHASE
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1451 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN1451 Datasheet HTML 17Page - STMicroelectronics AN1451 Datasheet HTML 18Page - STMicroelectronics AN1451 Datasheet HTML 19Page - STMicroelectronics AN1451 Datasheet HTML 20Page - STMicroelectronics AN1451 Datasheet HTML 21Page - STMicroelectronics AN1451 Datasheet HTML 22Page - STMicroelectronics AN1451 Datasheet HTML 23Page - STMicroelectronics AN1451 Datasheet HTML 24Page - STMicroelectronics AN1451 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
21/43
AN1451 APPLICATION NOTE
2.13 Power Management
Even when operating at current levels well below the maximum ratings of the device, the operating junction tem-
perature must be kept below 125 °C.
Figure 21 shows the IC dissipated power versus the r.m.s. load current, in 4 different driving sequences, assum-
ing the supply voltage is 24V.
Figure 21. IC Dissipated Power versus Output Current.
No PWM
f
SW
= 30 kHz (slow decay)
Test Conditions:
Supply Voltage = 24V
I A
I B
IOUT
IOUT
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10
PD [W]
I OUT [A]
HALF STEP
No PWM
fSW = 30 kHz (slow decay)
Test Conditions:
Supply Volt age =24 V
I A
I B
IOUT
IOUT
00.5
11.5
22.5
3
0
2
4
6
8
10
PD [W ]
I OUT [A ]
NORM AL DRIVE
fSW = 50 k
Hz (slow decay)
fSW = 30 k
Hz (slow decay)
I A
I B
IOUT
IOUT
MICROSTEPPING
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10
PD [W]
I OUT [A]
Test Conditions:
Supply Voltage = 24V
No PW M
fSW = 3 0 kHz (slow decay)
Test Conditions:
Supply Voltage = 24V
I A
I B
IOUT
IOUT
WAVE DRIVE
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10
PD [W]
I OUT [A]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com