Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1451 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN1451
Description  L6208 FULLY INTEGRATED TWO PHASE
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1451 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN1451 Datasheet HTML 35Page - STMicroelectronics AN1451 Datasheet HTML 36Page - STMicroelectronics AN1451 Datasheet HTML 37Page - STMicroelectronics AN1451 Datasheet HTML 38Page - STMicroelectronics AN1451 Datasheet HTML 39Page - STMicroelectronics AN1451 Datasheet HTML 40Page - STMicroelectronics AN1451 Datasheet HTML 41Page - STMicroelectronics AN1451 Datasheet HTML 42Page - STMicroelectronics AN1451 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
39/43
AN1451 APPLICATION NOTE
Figure 42. EVAL6208PD.
4.3.1 Important Notes
JP1 : close in INT position for use with PractiSPIN ST7 board
C12 : recommended change to 5.6 nF for safe Overcurrent protection
R7 : recommended change to 100 k for safe Overcurrent protection
R21 : recommended change to 100 k if EN pin is driven from the CN5 connector (for example with PractiSPIN
ST7 board) for safe Overcurrent protection
R8, R17 : set the maximum current obtainable through PractiSPIN (see PractiSPIN documentation)
R1 : recommended change to adequate value (depending on supply voltage) to obtain 5V across D2
4.3.2 Thermal Impedance
EVAL 6208PD has been thermally characterized. Figure 47 shows the thermal impedance junction to ambient
and the pulsed thermal impedance junction to ambient.
JP1
C12
R17
R8
R7
R21
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com