Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST303S Datasheet(PDF) 7 Page - International Rectifier

Part # ST303S
Description  INVERTER GRADE THYRISTORS Stud Version
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST303S Datasheet(HTML) 7 Page - International Rectifier

  ST303S Datasheet HTML 1Page - International Rectifier ST303S Datasheet HTML 2Page - International Rectifier ST303S Datasheet HTML 3Page - International Rectifier ST303S Datasheet HTML 4Page - International Rectifier ST303S Datasheet HTML 5Page - International Rectifier ST303S Datasheet HTML 6Page - International Rectifier ST303S Datasheet HTML 7Page - International Rectifier ST303S Datasheet HTML 8Page - International Rectifier ST303S Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ST303S Series
7
Bulletin I25173 rev. C 03/03
www.irf.com
Fig. 8 - Thermal Impedance Z
thJC
Characteristic
Fig. 9 - Reverse Recovered Charge Characteristics
Fig. 10 - Reverse Recovery Current Characteristics
Fig. 7 - On-state Voltage Drop Characteristics
100
1000
10000
1
2
3
456
78
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 125°C
J
ST303SSeries
20
40
60
80
100
120
140
160
180
10
20
30
40
50
60
70
80
90 100
Rate Of Fall Of On-state Current - di/ dt (A/ µs)
I
= 500 A
300 A
200 A
100 A
50 A
ST303SSeries
T = 125 °C
J
TM
80
100
120
140
160
180
200
220
240
260
280
300
320
10
20
30
40
50
60
70
80
90 100
Rate Of Fall Of On-state Current - di/ dt (A/ µs)
I
= 500 A
300 A
200 A
100 A
50 A
ST303SSeries
T = 125 °C
J
TM
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Steady State Value
R
= 0.10 K/ W
(DC Operation)
thJC
ST303SSeries
1E1
1E2
1E3
1E4
50 Hz
400
100
Pulse Basewidth (µs)
1000
1500
200
500
ST303SSeries
Sinusoidal pulse
T = 65°C
C
Snubb er circuit
R = 10 ohms
C
= 0.47 µF
V
= 80%V
s
s
D
DRM
tp
1E1
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
50 Hz
400
2500
100
Pulse Basewidth (µs)
1000
1500
200
500
Snubb er circ uit
R = 10 ohms
C
= 0.47 µF
V
= 80%V
s
s
D
DRM
2000
ST303SSeries
Sinusoidal pulse
T = 40°C
C
1E4
tp
Fig. 11 - Frequency Characteristics



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com