Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST303S Datasheet(PDF) 1 Page - International Rectifier

Part # ST303S
Description  INVERTER GRADE THYRISTORS Stud Version
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST303S Datasheet(HTML) 1 Page - International Rectifier

  ST303S Datasheet HTML 1Page - International Rectifier ST303S Datasheet HTML 2Page - International Rectifier ST303S Datasheet HTML 3Page - International Rectifier ST303S Datasheet HTML 4Page - International Rectifier ST303S Datasheet HTML 5Page - International Rectifier ST303S Datasheet HTML 6Page - International Rectifier ST303S Datasheet HTML 7Page - International Rectifier ST303S Datasheet HTML 8Page - International Rectifier ST303S Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
Center amplifying gate
High surge current capability
Low thermal impedance
High speed performance
Typical Applications
Inverters
Choppers
Induction heating
All types of force-commutated converters
I
T(AV)
300
A
@ T
C
65
°C
I
T(RMS)
471
A
I
TSM
@ 50Hz
7950
A
@ 60Hz
8320
A
I2t@ 50Hz
316
KA2s
@ 60Hz
288
KA2s
V
DRM
/V
RRM
400 to 1200
V
t
q
10 - 20
µs
T
J
- 40 to 125
°C
Parameters
ST303S
Units
Major Ratings and Characteristics
case style
TO-209AE (TO-118)
ST303S SERIES
INVERTER GRADE THYRISTORS
Stud Version
300A
1
Bulletin I25173 rev. C 03/03
www.irf.com


Similar Part No. - ST303S

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
ST303S NJSEMI-ST303S Datasheet
199Kb / 5P
INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
ST303S12PFK0P VISHAY-ST303S12PFK0P Datasheet
299Kb / 9P
Inverter Grade Thyristors (Stud Version), 300 A
30-Apr-08
ST303SPBF VISHAY-ST303SPBF Datasheet
299Kb / 9P
Inverter Grade Thyristors (Stud Version), 300 A
30-Apr-08
More results

Similar Description - ST303S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST083S IRF-ST083S Datasheet
343Kb / 9P
INVERTER GRADE THYRISTORS Stud Version
ST103S IRF-ST103S Datasheet
351Kb / 10P
INVERTER GRADE THYRISTORS Stud Version
ST173S IRF-ST173S Datasheet
407Kb / 10P
INVERTER GRADE THYRISTORS Stud Version
ST183S IRF-ST183S Datasheet
398Kb / 10P
INVERTER GRADE THYRISTORS Stud Version
ST203S IRF-ST203S Datasheet
361Kb / 10P
INVERTER GRADE THYRISTORS Stud Version
ST223S IRF-ST223S Datasheet
444Kb / 10P
INVERTER GRADE THYRISTORS Stud Version
ST333S IRF-ST333S Datasheet
402Kb / 10P
INVERTER GRADE THYRISTORS Stud Version
logo
Vishay Siliconix
ST083SPBF VISHAY-ST083SPBF Datasheet
164Kb / 9P
Inverter Grade Thyristors (Stud Version), 85 A
25-Jul-08
ST303SPBF VISHAY-ST303SPBF Datasheet
299Kb / 9P
Inverter Grade Thyristors (Stud Version), 300 A
30-Apr-08
VS-ST083SP VISHAY-VS-ST083SP Datasheet
207Kb / 10P
Inverter Grade Thyristors (Stud Version), 85 A
06-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com