Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST333C Datasheet(PDF) 3 Page - International Rectifier

Part # ST333C
Description  INVERTER GRADE THYRISTORS Hockey Puk Version
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST333C Datasheet(HTML) 3 Page - International Rectifier

  ST333C Datasheet HTML 1Page - International Rectifier ST333C Datasheet HTML 2Page - International Rectifier ST333C Datasheet HTML 3Page - International Rectifier ST333C Datasheet HTML 4Page - International Rectifier ST333C Datasheet HTML 5Page - International Rectifier ST333C Datasheet HTML 6Page - International Rectifier ST333C Datasheet HTML 7Page - International Rectifier ST333C Datasheet HTML 8Page - International Rectifier ST333C Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ST333C..L Series
ST333C..L
50
Voltage
V
DRM
/V
RRM
, maximum
V
RSM
, maximum
I
DRM
/I
RRM
max.
Type number
Code
repetitive peak voltage
non-repetitive peak voltage
@ T
J
= T
J
max.
V
V
mA
04
400
500
08
800
900
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Current Carrying Capability
I
T(AV)
Max. average on-state current
620 (305)
A
180° conduction, half sine wave
@ Heatsink temperature
55 (75)
°C
double side (single side) cooled
I
T(RMS)
Max. RMS on-state current
1230
DC @ 25°C heatsink temperature double side cooled
I
TSM
Max. peak, one half cycle,
11000
t = 10ms
No voltage
non-repetitive surge current
11500
A
t = 8.3ms
reapplied
9250
t = 10ms
100% V
RRM
9700
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
605
t = 10ms
No voltage
Initial T
J
= T
J
max
553
t = 8.3ms
reapplied
428
t = 10ms
100% V
RRM
391
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
6050
KA2
√s
t = 0.1 to 10ms, no voltage reapplied
Parameter
ST333C..L
Units
Conditions
On-state Conduction
KA2s
Frequency
Units
50Hz
1430
1250
2340
1940
6310
5620
400Hz
1670
1170
2310
2010
3440
5030
1000Hz
1080
880
2090
1800
2040
1750
2500Hz
530
400
1190
990
990
800
Recovery voltage Vr
50
50
50
50
50
50
Voltage before turn-on Vd
VDRM
VDRM
VDRM
Rise of on-state current di/dt
50
50
-
-
-
-
A/
µs
Heatsink temperature
40
55
40
55
40
55
°C
Equivalent values for RC circuit
10
Ω / 0.47µF
10
Ω / 0.47µF
10
Ω / 0.47µF
I
TM
180oel
180oel
100
µs
I
TM
I
TM
V
A
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com