Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST333C Datasheet(PDF) 10 Page - International Rectifier

Part # ST333C
Description  INVERTER GRADE THYRISTORS Hockey Puk Version
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST333C Datasheet(HTML) 10 Page - International Rectifier

Back Button ST333C Datasheet HTML 2Page - International Rectifier ST333C Datasheet HTML 3Page - International Rectifier ST333C Datasheet HTML 4Page - International Rectifier ST333C Datasheet HTML 5Page - International Rectifier ST333C Datasheet HTML 6Page - International Rectifier ST333C Datasheet HTML 7Page - International Rectifier ST333C Datasheet HTML 8Page - International Rectifier ST333C Datasheet HTML 9Page - International Rectifier ST333C Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
ST333C..L Series
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Outline Table
TWO PLACES
PIN RECEPTACLE
AMP. 60598-1
0.7 (0.03) MIN.
34 (1.34) DIA. MAX.
53 (2.09) DIA. MAX.
2 HOLES DIA. 3.5 (0.14) x
2.5 (0.1) DEEP
4.7 (0.18)
0.7 (0.03) MIN.
6.2 (0.24) MIN.
20°± 5°
36.5 (1.44)
CREPAGE DISTANCE 36.33 (1.430) MIN.
STRIKE DISTANCE 17.43 (0.686) MIN.
Case Style TO-200AC (B-PUK)
All dimensions in millimeters (inches)
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com