Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST230C08C2 Datasheet(PDF) 2 Page - International Rectifier

Part # ST230C08C2
Description  PHASE CONTROL THYRISTORS Hockey Puk Version
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST230C08C2 Datasheet(HTML) 2 Page - International Rectifier

  ST230C08C2 Datasheet HTML 1Page - International Rectifier ST230C08C2 Datasheet HTML 2Page - International Rectifier ST230C08C2 Datasheet HTML 3Page - International Rectifier ST230C08C2 Datasheet HTML 4Page - International Rectifier ST230C08C2 Datasheet HTML 5Page - International Rectifier ST230C08C2 Datasheet HTML 6Page - International Rectifier ST230C08C2 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ST230C..C Series
2
Bulletin I25162 rev. D 04/03
www.irf.com
di/dt
Max. non-repetitive rate of rise
Gate drive 20V, 20
Ω, t
r ≤
1µs
of turned-on current
T
J
= T
J
max, anode voltage
≤ 80% V
DRM
Gate current 1A, di
g
/dt = 1A/µs
V
d
= 0.67% V
DRM
, T
J
= 25°C
I
TM
= 300A, T
J
= T
J
max, di/dt = 20A/µs, V
R
= 50V
dv/dt = 20V/µs, Gate 0V 100
Ω, t
p
= 500µs
Parameter
ST230C..C
Units Conditions
Switching
1000
A/µs
t
d
Typical delay time
1.0
t
q
Typical turn-off time
100
µs
I
T(AV)
Max. average on-state current
410 (165)
A
180° conduction, half sine wave
@ Heatsink temperature
55 (85)
°C
double side (single side) cooled
I
T(RMS)
Max. RMS on-state current
780
DC @ 25°C heatsink temperature double side cooled
I
TSM
Max. peak, one-cycle
5700
t = 10ms
No voltage
non-repetitive surge current
5970
A
t = 8.3ms
reapplied
4800
t = 10ms
100% V
RRM
5000
t = 8.3ms
reapplied
Sinusoidal half wave,
I
2t
Maximum I
2t for fusing
163
t = 10ms
No voltage
Initial T
J
= T
J
max.
148
t = 8.3ms
reapplied
115
t = 10ms
100% V
RRM
105
t = 8.3ms
reapplied
I
2
√t
Maximum I
2
√t for fusing
1630
KA
2
√s t = 0.1 to 10ms, no voltage reapplied
V
T(TO)
1
Low level value of threshold
voltage
V
T(TO)
2
High level value of threshold
voltage
r
t1
Low level value of on-state
slope resistance
r
t2
High level value of on-state
slope resistance
V
TM
Max. on-state voltage
1.69
V
I
pk
= 880A, T
J
= T
J
max, t
p
= 10ms sine pulse
I
H
Maximum holding current
600
I
L
Max. (typical) latching current
1000 (300)
0.92
(16.7% x
π x I
T(AV)
< I <
π x I
T(AV)
), T
J
= T
J
max.
0.88
(16.7% x
π x I
T(AV)
< I <
π x I
T(AV)
), T
J
= T
J
max.
0.81
(I >
π x I
T(AV)
),T
J
= T
J
max.
Parameter
ST230C..C
Units Conditions
0.98
(I >
π x I
T(AV)
),T
J
= T
J
max.
On-state Conduction
KA
2s
V
m
Ω
mA
T
J
= 25°C, anode supply 12V resistive load
Voltage
V
DRM
/V
RRM
, max. repetitive
V
RSM
, maximum non-
I
DRM
/I
RRM
max.
Type number
Code
peak and off-state voltage
repetitive peak voltage
@ T
J
= T
J
max
VV
mA
04
400
500
08
800
900
ST230C..C
12
1200
1300
30
14
1400
1500
16
1600
1700
18
1800
1900
20
2000
2100
ELECTRICAL SPECIFICATIONS
Voltage Ratings



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com