Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST230C08C2 Datasheet(PDF) 1 Page - International Rectifier

Part # ST230C08C2
Description  PHASE CONTROL THYRISTORS Hockey Puk Version
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST230C08C2 Datasheet(HTML) 1 Page - International Rectifier

  ST230C08C2 Datasheet HTML 1Page - International Rectifier ST230C08C2 Datasheet HTML 2Page - International Rectifier ST230C08C2 Datasheet HTML 3Page - International Rectifier ST230C08C2 Datasheet HTML 4Page - International Rectifier ST230C08C2 Datasheet HTML 5Page - International Rectifier ST230C08C2 Datasheet HTML 6Page - International Rectifier ST230C08C2 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
Center amplifying gate
Metal case with ceramic insulator
International standard case TO-200AB (A-PUK)
Typical Applications
DC motor controls
Controlled DC power supplies
AC controllers
I
T(AV)
410
A
@ T
hs
55
°C
I
T(RMS)
780
A
@ T
hs
25
°C
I
TSM
@ 50Hz
5700
A
@ 60Hz
5970
A
I2t@ 50Hz
163
KA2s
@ 60Hz
149
KA2s
V
DRM
/V
RRM
400 to 2000
V
t
q
typical
100
µs
T
J
- 40 to 125
°C
Parameters
ST230C..C
Units
Major Ratings and Characteristics
case style TO-200AB (A-PUK)
410A
PHASE CONTROL THYRISTORS
Hockey Puk Version
ST230C..C SERIES
1
Bulletin I25162 rev. D 04/03
www.irf.com


Similar Part No. - ST230C08C2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST230C IRF-ST230C Datasheet
58Kb / 8P
PHASE CONTROL THYRISTORS
ST230C IRF-ST230C Datasheet
58Kb / 8P
PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST230C..C VISHAY-ST230C..C Datasheet
140Kb / 8P
Phase Control Thyristors (Hockey PUK Version), 410 A
11-Aug-08
logo
International Rectifier
ST230C14C0 IRF-ST230C14C0 Datasheet
58Kb / 8P
PHASE CONTROL THYRISTORS
ST230C20C0 IRF-ST230C20C0 Datasheet
58Kb / 8P
PHASE CONTROL THYRISTORS
More results

Similar Description - ST230C08C2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST2100C IRF-ST2100C Datasheet
168Kb / 6P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C111 IRF-ST300C111 Datasheet
206Kb / 8P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C11111 IRF-ST330C11111 Datasheet
207Kb / 8P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST380CH IRF-ST380CH Datasheet
206Kb / 8P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST780C IRF-ST780C Datasheet
263Kb / 8P
PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com