Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN833 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN833
Description  FREQUENCY MODULATION ON L4981B
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN833 Datasheet(HTML) 1 Page - STMicroelectronics

  AN833 Datasheet HTML 1Page - STMicroelectronics AN833 Datasheet HTML 2Page - STMicroelectronics AN833 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
AN833
APPLICATION NOTE
November 2003
Devices Description
Designing PFC, an important parameter to consider and control is the high frequency noise. This noise is pro-
duced by the switching itself and its level depends on several parameters such as high frequency current ripple,
PCB layout, active switch performance and also some particular circuital solutions.
The parameter to keep under control is the electromagnetic interference (EMI) content, versus the RFI norms
and design requirements (EN60555 and VDE0871B). To get more information about this, please refer also to
the CIRCUIT FOR POWER FACTOR CORRECTION WITH REGARDS TO MAINS FILTERING (AN510). The
PFC controller L4981B version can be useful to solve the EMI problems using the frequency modulation tech-
nique that allows to spread the noise spectrum over a wider range, reducing in this way the peak of the associ-
ated energy. This section deals with the way to use this device feature getting the best results. The L4981B
performs the frequency modulation function by using Pin16, that in this version is named FREQ-MOD.
This pin (see fig. 1) is internally connected (with a current mirror) to an input of the multiplier.
The output of the multiplier is used to dynamically change the current forced into the external oscillator capaci-
tance changing in this way the switching frequency. The second terms (input) of the multiplier is connected to
the divider (1/Vrms) that, through the VRMS (Pin7), senses the input mains making the frequency modulation
not affected by the line variations (see also Pin 16 description in AN628).
Figure 1. Frequency Modulation with L4981B.
+
-
1.28V
17
I
18
COSC
10
· I
-
+
200
· I
8.5V
1
1/VMRS
7
Ifm
16
FREQ-MOD
D94IN065B
ROSC
COSC
ROSC
Rfm
2 POLES
FILTER
VRMS
FREQUENCY MODULATION ON L4981B


Similar Part No. - AN833

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN833 SILABS-AN833 Datasheet
965Kb / 5P
SUB-1 V CURRENT SENSING
More results

Similar Description - AN833

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8573FN TOSHIBA-TA8573FN Datasheet
232Kb / 7P
HIGH-FREQUENCY MODULATION IC FOR LASER DIODE
logo
Linear Technology
LTC6902 LINER-LTC6902 Datasheet
212Kb / 16P
Multiphase Oscillator with Spread Spectrum Frequency Modulation
logo
List of Unclassifed Man...
PS2500 ETC2-PS2500 Datasheet
192Kb / 28P
Low-Power Direct Digital Modulation Frequency Synthesizer
logo
Cypress Semiconductor
CY8CPLC20 CYPRESS-CY8CPLC20_11 Datasheet
867Kb / 56P
Powerline Communication Solution Frequency shift keying modulation
logo
Linear Dimensions Semic...
LT3795 LINEAR_DIMENSIONS-LT3795 Datasheet
438Kb / 28P
110V LED Controller with Spread Spectrum Frequency Modulation
logo
STMicroelectronics
AN2052 STMICROELECTRONICS-AN2052 Datasheet
380Kb / 13P
This report describes how the frequency modulation reduces
12-Nov-2014
logo
Linear Technology
LTC6902 LINER-LTC6902_15 Datasheet
213Kb / 16P
Multiphase Oscillator with Spread Spectrum Frequency Modulation
logo
ON Semiconductor
FAN7631 ONSEMI-FAN7631 Datasheet
1Mb / 21P
Advanced Pulse Frequency Modulation (PFM)
April 2012
logo
PHOENIX CONTACT
2861632 PHOENIX-2861632 Datasheet
370Kb / 22P
Inline Function Terminal for Pulse Width Modulation and Frequency Modulation
logo
Analog Devices
ADF4158 AD-ADF4158_18 Datasheet
561Kb / 35P
Direct Modulation/Waveform Generating Fractional-N Frequency Synthesizer
6/2018-Rev. H to Rev. I
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com