Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN833 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN833
Description  FREQUENCY MODULATION ON L4981B
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN833 Datasheet(HTML) 2 Page - STMicroelectronics

  AN833 Datasheet HTML 1Page - STMicroelectronics AN833 Datasheet HTML 2Page - STMicroelectronics AN833 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AN833 APPLICATION NOTE
2/3
Connecting pin16 at the rectified mains through a resistor, it is possible to define the modulation depth using the
formula:
where:
Rfm is the programming current resistor.
K is a constant value = 0.1157
VIPK is the
VRMS is the voltage at pin 7
Typically a good compromise can be 10% to 20% of the starting frequency. Designing the frequency modulation
it is useful to remind few points :
a) The switching frequency (fsw) is modulated by the mains instantaneous value and decreases as the
rectified voltage increases, so the minimum fsw occurs at the input peak voltage and current (see fig.
2).
b) The switching losses increase with the frequency (and obviously with the current).
c) The current ripple increases (for the same boost inductor value) as the switching frequency decreases,
the higher current ripple produces an higher EMI.
Figure 2. Modulation Frequency Normalized in a Half Cycle of the Mains Voltage. (eg. RFM = 1100k
Ω,
Rosc = 24k
Ω, Cosc = 820pF).
Considering the above mentioned points, to make a reasonable comparison with an equivalent fixed frequency
PFC application in terms of EMI, it is recommended to modify the starting frequency (oscillator).
The suggested criterion for designing a L4981B application is to follow the same procedure used for the fixed
frequency version (L4981A) except for the oscillator that must be designed for the desired frequency (fmin) that
occurs at the peak of the current, plus the modulation contribution, that is:
∆f
SW
f
SW
--------------
K
V
IPK
R
OSC
⋅
V
RMS
R
fm
⋅
--------------------------------
R
fm
K
V
IPK m ai ns
() ROSc fSw
⋅⋅
V
RMS pin7
() ∆fsw
⋅
---------------------------------------------------------------
⋅
=
⇒
=
V
RM Sm AIN S
2
⋅
Vl
0.8
1
0.4
0.2
0
0
45
90
135
Electrical degrees
180
0.8
1
0.4
0.2
0
fsw
f
SW
∆f
sw
f
min
2.44
R
OSC
C
OSC
⋅
-----------------------------------
=
+
=



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com