Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1517 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1517
Description  Designing with the STEVAL-ISA089V1 high efficiency DC-DC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1517 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1517 Datasheet HTML 9Page - STMicroelectronics AN1517 Datasheet HTML 10Page - STMicroelectronics AN1517 Datasheet HTML 11Page - STMicroelectronics AN1517 Datasheet HTML 12Page - STMicroelectronics AN1517 Datasheet HTML 13Page - STMicroelectronics AN1517 Datasheet HTML 14Page - STMicroelectronics AN1517 Datasheet HTML 15Page - STMicroelectronics AN1517 Datasheet HTML 16Page - STMicroelectronics AN1517 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
DocID8827 Rev 3
13/30
AN1517
Closing the loop
30
If RLOAD >> ESR, the previous expression of ALC can be simplified and becomes:
Equation 7
The zero of this transfer function is given by:
Equation 8
F0 is the zero introduced by the ESR of the output capacitor and it is very important to
increase the phase margin of the loop.
The poles of the transfer function can be calculated through the following expression:
Equation 9
In the denominator of ALC, the typical second order system equation can be recognized:
Equation 10
If the damping coefficient
 is very close to zero, the roots of the equation become a double
root whose value is
n.
Similarly, for ALC the poles can usually be defined as a double pole whose value is:
Equation 11
4.3
PWM comparator
The PWM gain is given by the following formula:
Equation 12
where VOSCMAX is the maximum value of a sawtooth waveform and VOSCMIN is the
minimum value. A voltage feed-forward is implemented to ensure a constant GPWM. This is
obtained by generating a sawtooth waveform directly proportional to the input voltage VCC.
ALC s

1 ESR COUT
s
+
LCOUT
s
2
ESR COUT
s1
+
+
----------------------------------------------------------------------------------------------
=
FO
1
2
ESR
COUT
----------------------------------------------------
=
FPLC1 2
ESR COUT
ESR COUT

2
4L
COUT
–
–
2L
COUT
------------------------------------------------------------------------------------------------------------------------------------------
=
s
2
2

n
s
2
n
+
+
FPLC
1
2
LCOUT
----------------------------------------------
=
GPWM s

Vcc
VOSCMAX VOSCMIN
–

-------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com