Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1517 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN1517
Description  Designing with the STEVAL-ISA089V1 high efficiency DC-DC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1517 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN1517 Datasheet HTML 17Page - STMicroelectronics AN1517 Datasheet HTML 18Page - STMicroelectronics AN1517 Datasheet HTML 19Page - STMicroelectronics AN1517 Datasheet HTML 20Page - STMicroelectronics AN1517 Datasheet HTML 21Page - STMicroelectronics AN1517 Datasheet HTML 22Page - STMicroelectronics AN1517 Datasheet HTML 23Page - STMicroelectronics AN1517 Datasheet HTML 24Page - STMicroelectronics AN1517 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
DocID8827 Rev 3
21/30
AN1517
Application information
30
Figure 14. Short-circuit current VIN = 25 V
Figure 15. Short-circuit current VIN = 30 V
In Figure 14 and Figure 15, for example, it can be observed that when the input voltage
increases for a given component list, the current peak increases also. The current limit is
immediately triggered but the current peak increases until the current ripple during the TOFF
is equal to the current ripple during the TON.
5.5
Application circuit
Figure 16 shows the demonstration board application circuit for the device in the SMD
version, where the input supply voltage, VCC, can range from 4.4 V to 25 V due to the rated
voltage of the input capacitor and the output voltage is adjustable from 1.235 V to VCC.
Figure 16. Demonstration board application circuit
I
L
Vout
I
LIMIT
I
L
Vout
I
LIMIT
8
2
4
5
1
7
L5972D
C1
10
μF
25V
CERAMIC
C2
100
μF
10V
VOUT=3.3V
VIN = 4.4V to 25V
R1
5.6K
R2
3.3K
R3
4.7K
C4
22nF
C3
220pF
3
L1 33
μH
6
D1
STPS2L25U
COMP
VCC
OUT
FB
GND
AM00027v1
L5972D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com