Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1695 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1695
Description  TSM108 EVALUATION BOARD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1695 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1695 Datasheet HTML 1Page - STMicroelectronics AN1695 Datasheet HTML 2Page - STMicroelectronics AN1695 Datasheet HTML 3Page - STMicroelectronics AN1695 Datasheet HTML 4Page - STMicroelectronics AN1695 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AN1695 - APPLICATION NOTE
2/5
Figure 2 : Typical application schematic
The list of components used in the typical application board is shown in the bill of material here below. All
other components are not mounted. Passive components like capacitors and resistors used in this
Evaluation Board are through-hole components to be more easily changed by the user. Of course, in
real-life application, surface-mounted devices will be used and the whole application can fit into a very
small PCB area.
Table 3 : Bill of material
Reference
Value
Description
Manufacturer
U1
TSM108ID
PWM controller
STMicroelectronics
Q4
STS3DPFS30
Mosfet + diode
STMicroelectronics
L1
P0250.154T
150µH - buck main inductor
Pulse
L
short circuit
filtering inductor
C1
220pF
oscillator capacitor
C2-C3
22nF
compensation capacitors
C4-C7
47µF-25V
buck input and output capacitors
Rubycon ZL
C10
100nF
voltage reference bias capacitor
R8-R17-R18-R19
1
Ω
shunt resistor
R6-R7
22k
Ω-10%
compensation resistors
R9
15k
Ω-1%
divider bridge upper resistor
R10
11k
Ω-1%
divider bridge lower resistor
R16-R22
short circuit
13
12
9
11
10
8
14
7
2
4
5
1
3
VS
ICTRL
ICOMP
VCOMP
VREF
VCTRL
200mV
2,52V
GND
6
G
VCC
!STBY
UV
OV
OSC
GD
TSM108
Vin
Vout
L1
U1
Q4-B
Q4-A
R7
R6
C3
C2
C4
C7
R9
R10
C10
C1
R17
R8
R18
R19



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com