Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1695 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1695
Description  TSM108 EVALUATION BOARD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1695 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1695 Datasheet HTML 1Page - STMicroelectronics AN1695 Datasheet HTML 2Page - STMicroelectronics AN1695 Datasheet HTML 3Page - STMicroelectronics AN1695 Datasheet HTML 4Page - STMicroelectronics AN1695 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AN1695 - APPLICATION NOTE
3/5
2.2 Performances
As explained in the datasheet, the step-down converter using TSM108 can feature an accurate
constant-voltage and constant-current regulation. The V/I output characteristics of the DC/DC converter is
shown in Figure 4. Input voltage was set at 12V during this test. As explained in introduction, voltage
regulation is set to 6V and current regulation is set to 800mA. At output voltage lower than 1V, the
foldback can be observed in the current regulation.
Figure 4 : Output voltage versus output current characteristics
The efficiency of the DC/DC converter was measured in different conditions, as shown in Figure 5.
On the left chart, the influence of output power (Pout) over efficiency is studied. It should be noted that
during this test, the converter was operating in constant-voltage mode, therefore with Vout=6V and
Iout<800mA. Input voltage Vin was equal to 12V during the test. The efficiency appears to be always
between 84% and 90%.
On the right chart, the influence of input voltage (Vin) over efficiency is studied. The converter was
operating in constant-voltage mode and the output power was constant equal to 4W during the test. With
the input voltage varying from 7V up to 25V, the converter efficiency appears to be between 84% and
90%.
Figure 5 : Efficiency of the DC/DC converter versus output power and input voltage
0
1
2
3
4
5
6
7
0
100
200
300
400
500
600
700
800
900
Iout (mA)
Efficiency vs. Output Power @ Vout=6V Vin=12V
82%
84%
86%
88%
90%
92%
94%
0
1000
2000
3000
4000
Pout (mW)
Efficiency vs. Input Voltage @ Vout=6V Pout=4,0W
82%
84%
86%
88%
90%
92%
94%
510
15
20
25
Vin (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com