Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2042 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2042
Description  brightness LEDs with VIPer22A-E
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2042 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2042 Datasheet HTML 9Page - STMicroelectronics AN2042 Datasheet HTML 10Page - STMicroelectronics AN2042 Datasheet HTML 11Page - STMicroelectronics AN2042 Datasheet HTML 12Page - STMicroelectronics AN2042 Datasheet HTML 13Page - STMicroelectronics AN2042 Datasheet HTML 14Page - STMicroelectronics AN2042 Datasheet HTML 15Page - STMicroelectronics AN2042 Datasheet HTML 16Page - STMicroelectronics AN2042 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
AN2042
Application description
13/30
The feedback to the primary side is achieved thanks to the diodes D9 and D10, which
decouple the two loops and drive the optocoupler OPT. The legs R23-C11 and R24-C12 are
connected for feedback stabilization.
The zener diode DZ2 is connected at the non-inverting input of the voltage control
operational amplifier in order to clamp the maximum voltage on the pin in any operative
condition.
The PWM control is realized using the first operational amplifier to generate a sawtooth
waveforms at 270 Hz (given by the leg R19-C13), which is compared with a variable voltage
(set by the potentiometer R21): the generated signal will drive the NPN transistor Q3. When
the transistor is "ON", the SMPS works in "current control" mode limiting the max output
current while, when the transistor is "OFF", it works in "voltage control" mode, regulating the
output voltage below the LEDs threshold and consequently switching them off.
During the dimming operation, the transistor Q3 is switched off and the voltage on pin 11 of
IC2 is pulled up and limited to VDZ1. Consequently, the VIPer stops switching and the output
current falls to zero, while the output voltage decrease down to VOUT = n · VF(OFF), where n
is the number of LEDs and VF(OFF) is the threshold voltage. Further decrease of the output
voltage is not possible because of the high output impedance. Doing so, the output voltage
never falls to zero, resulting in a big improvement in the dynamic behavior of the dimming
function, with a slight impact on the efficiency PDISS = (VOUT-VDZ2)/R8.
In open load condition, the maximum voltage is regulated by R8, R9 and DZ2 according to
the reference voltage given by (Equation 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com